Electronic Components Datasheet Search |
|
8-147095-1 Datasheet(PDF) 17 Page - Tyco Electronics |
|
8-147095-1 Datasheet(HTML) 17 Page - Tyco Electronics |
17 / 98 page 197 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Receptacle Assemblies, Board Mount, Triple-Row, Closed Entry, .100 x .100 [2.54 x 2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Horizontal Mount (with Guide Pin Slots and Standoffs) Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated .000030 [0.00076] gold in mating area, .000050-.000100 [0.00127-0.00254] matte tin on solder area, with entire contact underplated .000050 [0.00127] nickel Related Product Data Mateable Headers — page 201 Performance Specifications — page 194 Technical Documents — page 276 Product Specification 108-25017 Application Specification 114-9009 Additional receptacle assembly sizes and solder tail lengths are available; minimum order quantities may apply. Consult Tyco Electronics. .410 [10.41] .145 [3.68] .145 [3.68] .125 [3.18] (Localized Gold Plate Area) .115 [2.92] .115 [2.92] .400 [10.16] .400 [10.16] .100 [2.54] .100 [2.54] .069 [1.75] .338 [8.59] .144 [3.66] Dia. Typ. .100 [2.54] Typ. .179 [4.55] Typ. .300 [7.62] .300 [7.62] B A .035±.003 [0.89±0.08] Typ. Dia. Recommended PC Board Hole Layout (for .055 [1.40] min. thick PC board) Tail Length Tolerances not to accumulate within one connector pattern. Keying Plug No. of Dimensions Receptacle Assembly Part Nos. Pos. A B Plating A 72 2.658 [67.51] 2.300 [58.42] 5-534974-3 93 3.358 [85.29] 3.000 [76.20] 15-534974-4 96 3.458 [87.83] 3.100 [78.74] 1-5-534974-5 150 5.258 [133.55] 4.900 [124.46] 1-5-534974-8 210 7.258 [184.35] 6.900 [175.26] 6-534974-1 .065±.005 [1.65±0.13] Material — Natural color nylon Part No. 86286-1 (Plugs into receptacle contact) .100±.003 [2.54±0.08] |
Similar Part No. - 8-147095-1 |
|
Similar Description - 8-147095-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |