Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147095-1 Datasheet(PDF) 41 Page - Tyco Electronics

Part # 8-147095-1
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147095-1 Datasheet(HTML) 41 Page - Tyco Electronics

Back Button 8-147095-1 Datasheet HTML 37Page - Tyco Electronics 8-147095-1 Datasheet HTML 38Page - Tyco Electronics 8-147095-1 Datasheet HTML 39Page - Tyco Electronics 8-147095-1 Datasheet HTML 40Page - Tyco Electronics 8-147095-1 Datasheet HTML 41Page - Tyco Electronics 8-147095-1 Datasheet HTML 42Page - Tyco Electronics 8-147095-1 Datasheet HTML 43Page - Tyco Electronics 8-147095-1 Datasheet HTML 44Page - Tyco Electronics 8-147095-1 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
221
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Short Point, Crimp Snap-In Wire-Applied Contacts and Housings
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Wire-to-Board
103688-9 MTE Recept. Housing
1-104479-1 Short Point Contact
104257-5 MTE Recept. Housing
1-104480-5 Short Point Contact
104482-9 Short Point Recept. Housing
5-104481-6 Short Point Contact
104257-3 MTE Recept. Housing
1-104480-4 Short Point Contact
5-104450-3 MTE Hdr
1-87232-0 Hdr
Product Facts
Short point of contact
mates with .169 [4.29]
to .259 [6.58] long post
Double-row housings are
end-to-end and side-to-side
stackable
Terminates 32-20 AWG
[0.03-0.6 mm2] discrete
wire
Contacts have insulation
support to accept a
maximum insulation
diameter of .060 [1.52]
Available with .000015
[0.00038] or .000030
[0.00076] gold duplex,
or tin plating
Mates with .025 [0.64]
square posts
Dual cantilever contact
beams for reliable matings
Locking retention latch
provides approximately
3 lb [13.34 N] of retention
force
Unique locking latch design
helps prevent latch from
protruding through latch
window
Contacts snap into
AMPMODU MTE single-row
housings
Double-row housing
configurations include
.100 [2.54] centerline,
plain and polarized
Housing sizes range from
4 to 52 positions
Recognized under the
Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
Certified by
Canadian Standards
Association,
File No. LR7189
Produced under a Quality
Management System
certified to ISO
9001
A copy of the
certificate is available
upon request
AMPMODU Short Point
receptacle contacts are
designed to mate with .025
[0.64] square posts. They
will mate with posts as short
as .169 [4.29].
Short Point double-row
housings are end-to-end
and side-to-side stackable
on .100 [2.54] centers.
Contacts also can be used
in single-row AMPMODU
MTE housings to provide
a complete wire-crimp
system, or to serve as
replacement contacts.
Performance
Characteristics
Contact Current Rating —
3 amperes
Termination Resistance —
12 milliohms (max.)
Durability — Ref. Product
Specification 108-1472
R
R
ISO
Certified
9001


Similar Part No. - 8-147095-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147095-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com