Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147095-3 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 8-147095-3
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147095-3 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 8-147095-3 Datasheet HTML 34Page - Tyco Electronics 8-147095-3 Datasheet HTML 35Page - Tyco Electronics 8-147095-3 Datasheet HTML 36Page - Tyco Electronics 8-147095-3 Datasheet HTML 37Page - Tyco Electronics 8-147095-3 Datasheet HTML 38Page - Tyco Electronics 8-147095-3 Datasheet HTML 39Page - Tyco Electronics 8-147095-3 Datasheet HTML 40Page - Tyco Electronics 8-147095-3 Datasheet HTML 41Page - Tyco Electronics 8-147095-3 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
218
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Mod IV Wire-Applied Housings, Double-Row,
.100 x .100 [2.54 x 2.54] Centerline (Continued)
Polarized (with Detent
Latching, with and without
Strain Relief/Pull Tab)
.100
[2.54]
X
.100
[2.54]
Typ.
.175
[4.45]
A
.240
[6.10]
.070
[1.78]
Typ.
.050
[1.27]
Typ.
Part No. 86286-1
(Plugs into standard or intermediate
pressure receptacle contact)
Material — Natural color nylon
Keying Plugs
Part No. 87077-2
(Plugs directly into housing)
Material
Black thermoplastic, flame retardant
Related Product Data
Contacts — pages 211-213
Mateable Headers and Posts —
pages 117-125, 127-133
Technical Documents
pages 277, 278
Product Specification
108-25007, 108-25019, 108-25020,
108-25021
Application Specification
114-25003, 114-25016
Section X-X
X
.600
[15.24]
R
Optional
.100
[2.54]
Typ.
±.003
[±0.08]
B
±.003
[±0.08]
C
.095
[2.41]
Dia.
.500
[12.70]
1.150
[29.21]
.095
[2.41]
Dia.
1.000
[25.40]
1.900
[48.26]
Strain Relief Locators
(on Housings 20 Positions
and Larger)
Housing with
Strain Relief/Pull Tab
Strain Relief Part No. 87921-1
(10 thru 18 positions)
Housing with
Strain Relief/Pull Tab
Strain Relief Part No. 87710-1
(20 positions and larger)
Part Nos.
No. of
Dimensions
No. of
Without Strain Relief
With Strain Relief
Pos.
ABC
Detents
Stamped*
Unstamped**
Stamped*
6
.300 [7.62]
.100 [2.54]
.100 [2.54]
1
87631-2
87631-1
8
.400 [10.16]
.200 [5.08]
.100 [2.54]
1
87631-4
87631-3
10
.500 [12.70]
.200 [5.08]
.200 [5.08]
1
87631-6
87631-5
87922-1
12
.600 [15.24]
.300 [7.62]
.200 [5.08]
1
87631-8
87631-7
87922-2
14
.700 [17.78]
.300 [7.62]
.300 [7.62]
1
1-87631-0
87631-9
87922-3
16
.800 [20.32]
.400 [10.16]
.300 [7.62]
1
1-87631-2
1-87631-1
87922-4
**Cavity identification, part number and date code stamped on housing and/or strain relief where size permits.
**No marking on housing or strain relief.
Notes: 1. The Strain Relief/Pull Tab can be bonded to any thermoplastic connector housing.
Notes: 2. Strain reliefs may be purchased separately.
Notes: 3. Contact Extraction/Lance Reset Tool No. 843996-3.


Similar Part No. - 8-147095-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147095-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com