Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147096-0 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 8-147096-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147096-0 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 8-147096-0 Datasheet HTML 10Page - Tyco Electronics 8-147096-0 Datasheet HTML 11Page - Tyco Electronics 8-147096-0 Datasheet HTML 12Page - Tyco Electronics 8-147096-0 Datasheet HTML 13Page - Tyco Electronics 8-147096-0 Datasheet HTML 14Page - Tyco Electronics 8-147096-0 Datasheet HTML 15Page - Tyco Electronics 8-147096-0 Datasheet HTML 16Page - Tyco Electronics 8-147096-0 Datasheet HTML 17Page - Tyco Electronics 8-147096-0 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
194
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Two-Piece Printed Circuit Board Connectors (Continued)
AMPMODU Interconnection System
5
Temperature Rating —
Headers and Receptacles —
–65°C to +125°C (black thermoplastic
housings, 94V-0 rated)
Durability (Tested to) — 200 cycles
for .000030 [0.00076] gold plating;
75 cycles for .000015 [0.00038] gold
plating
Mating Force — 8 oz. [2.22N]
maximum per contact
Unmating Force — .75 oz. [0.2N]
minimum per contact during third
mating cycle
Performance Specifications
Current Rating —
3 amperes max. for single contact;
2 amperes max. per contact for fully
energized connector
Voltage Rating — 250 VAC
Dielectric Rating — 750 VAC rms
between contacts for one minute
Termination Resistance —
12 milliohms max. at 100 milliamperes
test current, and 50 millivolts open cir-
cuit voltage
Insulation Resistance — 1000
megohms after temperature/humidity
cycling
AMPMODU Two-Piece
Printed Circuit Board
connectors are designed
to reliably and economically
meet the packaging and
interconnection requirements
of today’s sophisticated
electronics.
The double row system is
produced in 10 thru 200
positions in the vertical
headers and horizontal
receptacles, and 10 thru
160 positions in the right
angle headers and vertical
receptacles.
The AMPMODU three-row
connector system is
produced in 30 through 300
positions (straight post
headers and mating
horizontal receptacles).
Both two- and three-row
vertical headers are
available with press-fit
ACTION PIN posts or
standard .025 [0.64] square
solder posts. There is a
simple seating tool for
headers with ACTION PIN
posts.
A board retention feature
is offered in the two-row
horizontal receptacles,
two-row right angle headers
and two- and three-row
vertical headers. Built-in
guides assure accurate
header and receptacle
alignment before contact
engagement.
Closed entry receptacle
housings provide a lead-in
ramp for positive mating of
contacts.


Similar Part No. - 8-147096-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147096-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com