Electronic Components Datasheet Search |
|
8-147096-1 Datasheet(PDF) 29 Page - Tyco Electronics |
|
8-147096-1 Datasheet(HTML) 29 Page - Tyco Electronics |
29 / 98 page 209 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Wire-Applied Housings for Locking Clip Contacts, Double-Row, .100 x .100 [2.54 x 2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Double-Row Material Glass-filled polyester, 94V-0 rated Related Product Data Contacts — page 207 Mateable Headers and Posts — Refer to the Mating Post Selection Guide — page 90 Technical Documents — pages 277, 278 Product Specification 108-36028, 108-36028-1 Application Specification 114-25006 Keying Plug Part No. 87179-1 (Plugs directly into housings for .025 [0.64] square post contacts) Material — Yellow, nylon A B .350 [8.89] (Post Length) .100 [2.54] Typ. .700 [17.78] .025 [0.64] Sq. Post (Shown for Ref. only) .300 [7.62] Both Ends Closed Housing No. of Dimensions Housing Part No. Configuration Pos. A B Unstamped Stamped 2 .116 [2.95] — 87176-2 — 4 .216 [5.49] .100 [2.54] 87133-1 — 6 .316 [8.03] .200 [5.08] 87133-7 87133-8 8 .416 [10.57] .300 [7.62] 87133-9 1-87133-0 Both Ends Closed 10 .516 [13.11] .400 [10.16] 87133-2 87133-5 12 .616 [15.65] .500 [12.70] 1-87133-1 1-87133-2 16 .816 [20.73] .700 [17.78] 1-87133-3 1-87133-4 18 .916 [23.27] .800 [20.32] 1-87133-5 1-87133-6 20 1.016 [25.81] .900 [22.86] 87133-3 87133-6 4 .216 [5.49] .100 [2.54] 87132-1 — Right End Open 10 .516 [13.11] .400 [10.16] 87132-2 87132-5 20 1.016 [25.81] .900 [22.86] 87132-3 87132-6 4 .216 [5.49] .100 [2.54] 87131-1 — Left End Open 10 .516 [13.11] .400 [10.16] 87131-2 87131-5 20 1.016 [25.81] .900 [22.86] 87131-3 87131-6 Note: Housing illustrated above is the “Both Ends Closed” version. .270 [6.86] Max. .100 [2.54] .058 [1.47] Right End Open Left End Open Key Keyway |
Similar Part No. - 8-147096-1 |
|
Similar Description - 8-147096-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |