Electronic Components Datasheet Search |
|
8-147096-1 Datasheet(PDF) 41 Page - Tyco Electronics |
|
8-147096-1 Datasheet(HTML) 41 Page - Tyco Electronics |
41 / 98 page 221 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Short Point, Crimp Snap-In Wire-Applied Contacts and Housings AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Wire-to-Board 103688-9 MTE Recept. Housing 1-104479-1 Short Point Contact 104257-5 MTE Recept. Housing 1-104480-5 Short Point Contact 104482-9 Short Point Recept. Housing 5-104481-6 Short Point Contact 104257-3 MTE Recept. Housing 1-104480-4 Short Point Contact 5-104450-3 MTE Hdr 1-87232-0 Hdr Product Facts ■ Short point of contact mates with .169 [4.29] to .259 [6.58] long post ■ Double-row housings are end-to-end and side-to-side stackable ■ Terminates 32-20 AWG [0.03-0.6 mm2] discrete wire ■ Contacts have insulation support to accept a maximum insulation diameter of .060 [1.52] ■ Available with .000015 [0.00038] or .000030 [0.00076] gold duplex, or tin plating ■ Mates with .025 [0.64] square posts ■ Dual cantilever contact beams for reliable matings ■ Locking retention latch provides approximately 3 lb [13.34 N] of retention force ■ Unique locking latch design helps prevent latch from protruding through latch window ■ Contacts snap into AMPMODU MTE single-row housings ■ Double-row housing configurations include .100 [2.54] centerline, plain and polarized ■ Housing sizes range from 4 to 52 positions ■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 ■ Certified by Canadian Standards Association, File No. LR7189 ■ Produced under a Quality Management System certified to ISO 9001 A copy of the certificate is available upon request AMPMODU Short Point receptacle contacts are designed to mate with .025 [0.64] square posts. They will mate with posts as short as .169 [4.29]. Short Point double-row housings are end-to-end and side-to-side stackable on .100 [2.54] centers. Contacts also can be used in single-row AMPMODU MTE housings to provide a complete wire-crimp system, or to serve as replacement contacts. Performance Characteristics Contact Current Rating — 3 amperes Termination Resistance — 12 milliohms (max.) Durability — Ref. Product Specification 108-1472 R R ISO Certified 9001 |
Similar Part No. - 8-147096-1 |
|
Similar Description - 8-147096-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |