Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9WV0848P1H001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9WV0848P1H001
Description  Splash Proof Fan San Ace 80W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9WV0848P1H001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9WV0848P1H001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9WV0848P1H001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
223
回転方向
風吹出方向
(4)
(10)
71.5±0.3
80±0.5
4-φ4.3±0.3
38±0.5
(4)
+30
300
0
リード線
取付用穴
AWG24
UL1430
4-φ4.5
φ
90
71.5±0.3
78.5
80mmsq.
Splash Proof Fan
80×80×38mm
Mass235g
25mm thick(WP type), 25mm thick(WS type)
38mm thick(WV type)
San Ace 80W
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specifications (Indoor, L10: Survival rate: 90% at 60,
rated voltage, and continuously run in a free air state)
Lead Wire …………………
red
black Sensor yellow Control brown
Storage Temperature …−30to 70℃(Non-condensing
Specifications The following nos. have PWM controls, pulse sensors, and ribs. For ribless, append "1" to the model no.
IP 68
WVtype
DimensionsUnit : mm
Rotating Direction
Air Flow Direction
Lead Wire
Model No.
Rated Voltage Operating Voltage Range
PWM duty
cycle
[%]
Rated Current Rated Input Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
Note)
[V][V][A][W][min
-1
[m³/min] [CFM][Pa][inchH²O][dB(A)][℃]
[h]
9WV0848P1H001
48
40.8 to 52.8
100
0.75
36
9,700
3.7
131
440
1.77
63
20 to 70
40,000/60
(70,000/40)
0
0.15
7.2
4,500
1.72
60.7
94.7
0.38
43
PWM Frequency25kHz
Reference dimension of mounting holes and vent openingUnit : mm
Inlet side, Outlet side
Note: Expected life at 40ambient is just reference value.
Mounting Hole
With ribs
Available options: Without Sensor
Pulse Sensor


Similar Part No. - 9WV0848P1H001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9WV0848P1H001 SANYODENKI-9WV0848P1H001 Datasheet
163Kb / 2P
   Splash Proof Fan San Ace 80W 9WV type
More results

Similar Description - 9WV0848P1H001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9WPA0812P4G001 SANYODENKI-9WPA0812P4G001 Datasheet
680Kb / 4P
   San Ace 80W Splash Proof Fan
9WP0812G401 SANYODENKI-9WP0812G401 Datasheet
153Kb / 2P
   Splash Proof Fan San Ace 80W 9WP type
9WL0812P4J001 SANYODENKI-9WL0812P4J001 Datasheet
216Kb / 4P
   Splash Proof Fan San Ace 80W 9WL type
9WV0812P1M001 SANYODENKI-9WV0812P1M001 Datasheet
163Kb / 2P
   Splash Proof Fan San Ace 80W 9WV type
logo
List of Unclassifed Man...
9WV0948P1H001 ETC2-9WV0948P1H001 Datasheet
122Kb / 2P
   Splash Proof Fan San Ace 92W
logo
SANYO DENKI CO., LTD.
9WPA0612P4G001 SANYODENKI-9WPA0612P4G001 Datasheet
743Kb / 4P
   San Ace 60W Splash Proof Fan
logo
List of Unclassifed Man...
109W1412H101-U ETC-109W1412H101-U Datasheet
103Kb / 2P
   Splash Proof Fan San Ace 140W
logo
SANYO DENKI CO., LTD.
9WPA0912P4G001 SANYODENKI-9WPA0912P4G001 Datasheet
679Kb / 4P
   San Ace 92W Splash Proof Fan
9WS0912H401 SANYODENKI-9WS0912H401 Datasheet
206Kb / 2P
   Splash Proof Fan San Ace 92WS
9WP0412H6001 SANYODENKI-9WP0412H6001 Datasheet
145Kb / 2P
   Splash Proof Fan San Ace 40W 9WP type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com