Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W172DIP-23 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # W172DIP-23
Description  172DIP PCB Mount Miniature Reed Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W172DIP-23 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  W172DIP-23 Datasheet HTML 1Page - List of Unclassifed Manufacturers W172DIP-23 Datasheet HTML 2Page - List of Unclassifed Manufacturers W172DIP-23 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Magnecraft Solution Guide 105A
Magnecraft Solution Guide 105A
Figure B
SPDT WITH DIODE
Figure C
SPDT WITHOUT DIODE
Figure D
SPDT WITH DIODE
Figure A
SPDT WITHOUT DIODE
Figure F
SPDT WITH DIODE
Figure G
DPDT WITHOUT DIODE
Figure H
DPDT WITH DIODE
2
1
7
6
13
14
8
9
1 2
7
6
14 13
8
9
(+)
(-)
2
1
7
6
13
14
8
9
1 2
6 7
14 13
9 8
1 2
7
6
14 13
8
9
(+)
(-)
Figure E
SPDT WITHOUT DIODE
14 13
9 8
1 2
6 7
2
1
7
6
13
14
8
9
(+)
(-)
1
14
6
2
7
9
13
8
(+)
(-)
CIRCUIT BOARD PIN SPACING
VIEWED FROM COMPONENT SIDE
(TOP VIEW)
Standard Part Numbers
0.4
(10.2)
0.6
(15.24)
0.03
(0.64)
0.12
(3)
0.01
(0.25)
0.38
(9.65)
0.02
(0.51)
0.79 MAX
(20.14)
0.29 MAX
(7.37)
0.1 IN GRID
(2.54 MM)
Circuit Board Pin Spacing
Viewed from component side
1
14
7
8
0.3 MAX
(7.62)
0.1 IN GRID
(2.54) MM)
www.magnecraft.com 847-441-2540
Contact Configuration
SPDT
SPDT
SPDT
SPDT w/ Clamping Diode
SPDT w/ Clamping Diode
SPDT w/ Clamping Diode
SPDT
SPDT
SPDT
SPDT w/ Clamping Diode
SPDT w/ Clamping Diode
SPDT w/ Clamping Diode
SPDT
SPDT
SPDT
SPDT w/ Clamping Diode
SPDT w/ Clamping Diode
SPDT w/ Clamping Diode
DPDT
DPDT
DPDT
DPDT w/ Clamping Diode
DPDT w/ Clamping Diode
DPDT w/ Clamping Diode
Nominal Input Voltage
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
5VDC
12VDC
24VDC
Nominal Coil Resistance (Ω)
200 Ω
1000 Ω
2200 Ω
200 Ω
1000 Ω
2200 Ω
200 Ω
1000 Ω
2200 Ω
200 Ω
1000 Ω
2200 Ω
200 Ω
1000 Ω
3200 Ω
200 Ω
1000 Ω
3200 Ω
46 Ω
266 Ω
1066 Ω
46 Ω
266 Ω
1066 Ω
Part Number
W172DIP-1
W172DIP-3
W172DIP-4
W172DIP-5
W172DIP-7
W172DIP-8
W172DIP-31
W172DIP-33
W172DIP-34
W172DIP-35
W172DIP-37
W172DIP-38
W172DIP-141
W172DIP-145
W172DIP-146
W172DIP-147
W172DIP-149
W172DIP-150
W172DIP-17
W172DIP-19
W172DIP-20
W172DIP-21
W172DIP-23
W172DIP-24
Figure
A
A
A
B
B
B
C
C
C
D
D
D
E
E
E
F
F
F
G
G
G
H
H
H
WIRING DIAGRAMS TOP VIEW
BOLD-FACED PART NUMBERS ARE NORMALLY STOCKED
8/13


Similar Part No. - W172DIP-23

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W1724 AGERE-W1724 Datasheet
154Kb / 10P
   Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?
W1724CBBAD AGERE-W1724CBBAD Datasheet
154Kb / 10P
   Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?
W1724CBBAH AGERE-W1724CBBAH Datasheet
154Kb / 10P
   Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?
W1724CDDAD AGERE-W1724CDDAD Datasheet
154Kb / 10P
   Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?
More results

Similar Description - W172DIP-23

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com