Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40INCH-G-4V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 40INCH-G-4V
Description  Amplified Low Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

40INCH-G-4V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  40INCH-G-4V Datasheet HTML 1Page - List of Unclassifed Manufacturers 40INCH-G-4V Datasheet HTML 2Page - List of Unclassifed Manufacturers 40INCH-G-4V Datasheet HTML 3Page - List of Unclassifed Manufacturers 40INCH-G-4V Datasheet HTML 4Page - List of Unclassifed Manufacturers 40INCH-G-4V Datasheet HTML 5Page - List of Unclassifed Manufacturers 40INCH-G-4V Datasheet HTML 6Page - List of Unclassifed Manufacturers 40INCH-G-4V Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
All Sensors
DS-0024 Rev C
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Temperature Shift (5°C-50°C), note 2
Minimum
±1.90
2.15
Nominal
±2.5
±2.0
2.25
±5
±5
±5
0.05
Maximum
±2.10
2.35
±60
0.25
±2
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for 2.5 INCH-D-4V
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Temperature Shift (5°C-50°C), note 2
Minimum
±1.90
2.15
Nominal
±1.0
±2.0
2.25
±10
±5
±10
0.05
Maximum
±2.10
2.35
±60
0.25
±2
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for 1 INCH-D-4V
Parameter, note 1
Operating Range, gage pressure
Output Span, note 5
Offset Voltage @ zero pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Temperature Shift (5°C-50°C), note 2
Minimum
3.90
0.15
Nominal
1.0
4.0
0.25
±10
±15
±10
0.05
Maximum
4.10
0.35
±60
0.25
±2
Units
inH2O
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for 1 INCH-G-4V


Similar Part No. - 40INCH-G-4V

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
40INCH-G-4V ASC-40INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
40INCH-G-4V ASC-40INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
40INCH-G-4V ASC-40INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
40INCH-G-4V ASC-40INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
40INCH-G-4V ASC-40INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results

Similar Description - 40INCH-G-4V

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com