Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1571656-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1571656-4
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1571656-4 Datasheet(HTML) 1 Page - Tyco Electronics

  1571656-4 Datasheet HTML 1Page - Tyco Electronics 1571656-4 Datasheet HTML 2Page - Tyco Electronics 1571656-4 Datasheet HTML 3Page - Tyco Electronics 1571656-4 Datasheet HTML 4Page - Tyco Electronics 1571656-4 Datasheet HTML 5Page - Tyco Electronics 1571656-4 Datasheet HTML 6Page - Tyco Electronics 1571656-4 Datasheet HTML 7Page - Tyco Electronics 1571656-4 Datasheet HTML 8Page - Tyco Electronics 1571656-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
90
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDP-20 Crimp Snap-In Contact Connectors
Connector
Insert
Shell Type
Type
Material
Material and Finish
Mounting
94V-0 Rated
Thermoplastic
Black
94V-0 Rated
Thermoplastic
Black
Plug
(pg. 92)
Receptacle
(pg. 93)
Zinc Plated Steel
Without Grounding
Indents
Tin Plated Steel
Without Grounding
Indents
Tin Plated Steel
With Grounding Indents
Zinc Plated Steel
Tin Plated Steel
.120
[3.05]
Dia. Holes
Clinch Nut,
4-40 Threads
.120
[3.05]
Dia. Holes
Clinch Nuts,
4-40 Threaded
Contacts
Type
Termination
Plating
Pins
(pgs. 100, 101)
Sockets
(pgs. 100, 101)
Crimp
Posted
Crimp
Posted
Duplex
(.000030
[0.00076]
Gold and
Tin)
Duplex
(Gold Flash
and Tin)
Select
(.000030
[0.00076]
Gold and
Gold Flash)
Duplex
(.000030
[0.00076]
Gold and
Tin)
Duplex
(Gold Flash
and Tin)
Select
(.000030
[0.00076]
Gold and
Gold Flash)
±
±
±
±
±
±
Product Selection Guide


Similar Part No. - 1571656-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1571610 TEC-1571610 Datasheet
105Kb / 1P
   SWITCH ASSEMBLY, TACTILE, RIGHT ANGLE, SEALED
Rev. C1
1571610-1 TEC-1571610-1 Datasheet
105Kb / 1P
   SWITCH ASSEMBLY, TACTILE, RIGHT ANGLE, SEALED
Rev. C1
1571610-2 TEC-1571610-2 Datasheet
105Kb / 1P
   SWITCH ASSEMBLY, TACTILE, RIGHT ANGLE, SEALED
Rev. C1
logo
Tyco Electronics
1571616-1 MACOM-1571616-1 Datasheet
487Kb / 3P
   TOGGLE SWITCH
1571625-5 MACOM-1571625-5 Datasheet
2Mb / 30P
   Switches Core Program
More results

Similar Description - 1571656-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com