Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28B0375-400 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 28B0375-400
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28B0375-400 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 28B0375-400 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 10Page - List of Unclassifed Manufacturers 28B0375-400 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image

visit www.lairdtech.com for product additions and more product details
Broadband EMI Ferrite Cylindrical Cores
Please refer to the seperate Toroid
Catalog from Laird Technologies for an
extensive list of small ferrite inductor
toroid core sizes and materials.
A
B
C
For Round Cables & Wiring Harnesses
Broadband (28) round cable parts
are sorted by inside diameter on
page 12 and sorted by impedance
on page 13.
Part
Number
DIMENSIONS
mm
(inches)
Typical Impedance ( Z ) in Ohms (
Ω )
A
B
C
@  MHz
@ 100 MHz
@ 00 MHz
28B0250-100
6.35
(0.250)
3.18
(0.125)
15.88
(0.625)
90
182
300
28B0268-000
6.78
(0.267)
3.99
(0.157)
14.22
(0.560)
65
138
260
28B0275-000
7.00
(0.276)
3.80
(0.150)
13.50
(0.531)
69
146
268
28B0296-000
7.52
(0.296)
2.39
(0.94)
7.54
(0.297)
75
160
270
28B0315-000
8.00
(0.315)
3.17
(0.125)
4.78
(0.188)
43
100
220
28B0315-100
8.00
(0.315)
3.17
(0.125)
10.06
(0.396)
76
158
281
28B0339-000
8.60
(0.339)
3.80
(0.150)
10.00
(0.394)
68
143
264
28B0355-000
9.00
(0.354)
4.75
(0.187)
20.00
(0.787)
110
205
360
28B0375-000
9.53
(0.375)
5.08
(0.200)
10.41
(0.410)
57
125
245
28B0375-100
9.53
(0.375)
5.08
(0.200)
14.48
(0.570)
74
154
282
28B0375-300
9.53
(0.375)
5.08
(0.200)
19.05
(0.750)
100
194
310
28B0375-400
9.52
(0.375)
5.08
(0.200)
4.83
(0.190)
33
81
200
28B0384-000
9.75
(0.384)
3.80
(0.150)
10.00
(0.394)
82
159
286
28B0384-200
9.75
(0.384)
3.80
(0.150)
25.00
(0.984)
182
322
473
28B0390-200
9.91
(0.390)
6.35
(0.250)
15.00
(0.590)
57
128
248
28B0395-000
10.01
(0.394)
5.97
(0.235)
6.17
(0.243)
31
83
199
28B0434-000
11.00
(0.433)
5.10
(0.201)
32.00
(1.260)
200
349
481
28B0453-000
11.50
(0.453)
4.90
(0.193)
25.00
(0.984)
148
262
378
28B0472-090
12.00
(0.472)
3.60
(0.142)
20.00
(0.787)
158
272
390
8
B
00
-1
0
0
Material Type
Product Code
Part Size Code
Selected
Dimension Code
(Usually Length)
Additional Part
Description
Additional Part
Description or
Coating
PART NUMBERING SYSTEM EXAMPLE


Similar Part No. - 28B0375-400

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28B0375-400 LSTD-28B0375-400 Datasheet
94Kb / 1P
   this print is the property of laird tech
28B0375-400 LSTD-28B0375-400 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - 28B0375-400

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com