Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28B0686-000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 28B0686-000
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28B0686-000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 28B0686-000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 28B0686-000 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
visit www.lairdtech.com for product additions and more product details
Custom Parts are also available
A
B
C
Part
Number
DIMENSIONS
mm
(inches)
Typical Impedance ( Z ) in Ohms (
Ω )
A
B
C
@  MHz
@ 100 MHz
@ 00 MHz
28B0734-000
18.67
(0.735)
11.18
(0.440)
28.58
(1.125)
116
229
370
28B0735-000
18.67
(0.735)
10.16
(0.400)
28.58
(1.125)
135
250
400
28B0735-300
18.67
(0.735)
10.16
(0.400)
14.27
(0.562)
73
150
270
28B0773-050*
19.64
(0.773)
11.64
(0.458)
12.70
(0.500)
69
141
273
28B0825-000
20.95
(0.825)
13.21
(0.520)
6.35
(0.250)
31
79
204
28B0870-000
22.10
(0.870)
13.72
(0.540)
6.35
(0.250)
34
85
205
28B0870-100
22.10
(0.870)
13.72
(0.540)
12.70
(0.500)
56
122
236
28B0999-000
25.40
(1.000)
15.49
(0.610)
12.70
(0.500)
56
122
247
28B1000-000
25.40
(1.000)
12.70
(0.500)
12.70
(0.500)
73
151
278
28B1020-100
25.91
(1.020)
12.83
(0.505)
28.58
(1.125)
147
276
412
28B1122-100
28.50
(1.122)
13.77
(0.542)
28.58
(1.125)
160
307
440
28B1122-300
28.50
(1.122)
13.77
(0.542)
20.00
(0.787)
115
210
350
28B1142-000
29.01
(1.142)
19.00
(0.748)
7.49
(0.295)
34
85
200
28B1142-100
29.01
(1.142)
19.00
(0.748)
13.84
(0.545)
54
114
235
28B1225-000
31.12
(1.225)
19.05
(0.750)
15.93
(0.627)
68
140
270
28B1225-100
31.12
(1.225)
19.05
(0.750)
7.92
(0.312)
39
93
210
28B1225-300
31.12
(1.225)
19.05
(0.750)
10.00
(0.394)
46
110
240
28B1250-000
31.75
(1.250)
19.05
(0.750)
22.22
(0.875)
92
186
292
28B1417-200
36.00
(1.417)
23.00
(0.905)
12.70
(0.500)
52
115
230
28B1531-000*
38.86
(1.530)
12.95
(0.510)
28.58
(01.125)
109
210
347
28B1540-000
39.12
(1.540)
16.76
(0.660)
22.22
(0.875)
130
254
405
28B2000-100
50.80
(2.000)
25.40
(1.000)
28.70
(1.130)
157
305
442
28B2400-000
60.96
(2.400)
35.56
(1.400)
12.70
(0.500)
60
135
285
B
C
D
A
E
*Oval Core
Part Number
DIMENSIONS
mm
(inches)
D
E
28B0773-050
11.64
(0.458)
5.10
(0.201)
28B1531-000
26.16
(1.030)
26.04
(1.025)
Broadband EMI Ferrite Cylindrical Cores
Broadband (28) round cable parts
are sorted by inside diameter on
page 12 and sorted by impedance
on page 13.


Similar Part No. - 28B0686-000

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28B0686-000 LSTD-28B0686-000 Datasheet
103Kb / 1P
   this print is the property of laird tech
28B0686-000 LSTD-28B0686-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - 28B0686-000

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com