Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

208 Datasheet(PDF) 2 Page - CTS Corporation

Part # 208
Description  Through Hole DIP Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

208 Datasheet(HTML) 2 Page - CTS Corporation

  208 Datasheet HTML 1Page - CTS Corporation 208 Datasheet HTML 2Page - CTS Corporation 208 Datasheet HTML 3Page - CTS Corporation 208 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPST Series 206/208
SPDT / DPST Series 206/208
.050
1.27
2.03 SLIDE
.080 TRAVEL
.160
4.06
2.03
.080
DATE CODE
±.010
±0.25
STANDOFF
.015
0.38
-.005
+.015
+0.38
-0.13
+0.25
-0.51
-.020
+.010
SURFACE
MOUNTING
TYP.
TYP.
.035
0.89
7.62
0.25±0.08
2.54
0.48±0.08
7.60
9.78±0.25
.300
.010±.003
.385±.010
.299
.100
.019±.003
3.81
.150
"A"
PART NO.
3
1
CTS
2
6
PART NO.
DATE CODE
SLIDE TRAVEL
DATE CODE
N
O
3
9.78±0.25
.385±.010
1
CTS
4.06
.160
2
6
2.03
.080
DPST
+.015
-.005
+0.38
-0.13
TYP.
"A"±0.25
.160
4.06
.080
2.03
.035
0.89
9.78±0.25
.385±.010
4.06
.160
2.03
.080
SPDT
TYP.
TYP.
.150+.010
-.020
+0.25
3.81-0.51
.019±.003
.100
.299
.010±.003
.300
.015
7.60
0.48±0.08
2.54
0.38
0.25±0.08
7.62
SCHEMATIC
SCHEMATIC
SCHEMATIC
O
N
12
1 2 3 4 5
11
CTS
DPDT / 4PST Series 206/208
4PST
DPDT
.300
7.62
+0.38
-0.13
-.005
+.015
SLIDE TRAVEL
.080
2.03
.299
7.60
0.89
.035
MOUNTING
SURFACE
"A" ±0.25
±.010
.385±.010
.160
4.06
9.78±0.25
.080
2.03
DATE CODE
PART NO.
DATE CODE
.100
.019±.003
+.010
.150 -.020
.015
0.38
.350
9.78±0.25
.385±.010
2.03
.080
.160
4.06
±.010
±0.25
TYP.
2.54
TYP.
0.48±0.08
+0.25
-0.51
3.81
TYP.
8.89
"A"
SCHEMATIC
3
1
CTS
SCHEMATIC
3
1
N
O
CTS
DIMENSION:
mm
inch
DIMENSION:
mm
inch
DIMENSION:
mm
inch
“ON” WHEN ACTUATOR IS TOWARD THE DOT
“ON” WHEN ACTUATOR IS TOWARD THE DOT
2 - 4
CTS Electrocomponents
www.ctscorp.com
0.25±0.08
.010±.003
© 2010 CTS Corporation. All rights reserved. Information subject to change.
07/07/10
±.010
SURFACE
MOUNTING
TYP.
"A"±0.25
±.010
PART NO.
PART NO.


Similar Part No. - 208

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208 CTS-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
logo
Littelfuse
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
logo
Alpha Wire
208 ALPHAWIRE-208 Datasheet
211Kb / 2P
   M12-A Male 90 Degree 4 Pin Field Attachable
logo
Vishay Siliconix
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
More results

Similar Description - 208

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-124 CTS-206-124 Datasheet
450Kb / 4P
   Through Hole DIP Switch
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
   Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
209-12MSTFD CTS-209-12MSTFD Datasheet
307Kb / 2P
   Through Hole DIP Switch
logo
Omron Electronics LLC
A6E-N OMRON-A6E-N Datasheet
234Kb / 3P
   Box type Through-hole Mounting DIP Switch
logo
CTS Corporation
206 CTS-206 Datasheet
130Kb / 4P
   Multifunctional through hole DIP switches
206221 CTS-206221 Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com