Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28A0592-0A2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 28A0592-0A2
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28A0592-0A2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  28A0592-0A2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28A0592-0A2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image

visit www.lairdtech.com for product additions and more product details
global solutions :
local support
Ferrite Material Impedance Comparison ................................. 4
Design & Selection “Rules of Thumb” ..................................... 4
High Frequency (HFB-) Cylindrical Cores .................................. 5
High Frequency (HFA-) Split, Snap-On Cores ........................... 6
Broadband (28B-) Cylindrical Cores ........................................ 7
Broadband (28A-) Split, Snap-On Cores ................................ 10
Sorted Quick Reference Charts
Broadband (28B- and 28A-) Cable Cores .......................... 12
Low Frequency (LFB-) Cylinderical Cores ............................... 14
Broadband (28R-) Ribbon & Flex Cable Cores ....................... 15
Broadband (28S-) Split Ribbion & Flex Cable Cores .............. 18
Sorted Quick Reference Charts
Broadband (28R- and 28S-) Ribbon Cores ......................... 20
Ferrite EMI Disks & Plates ..................................................... 22
All parts listed in this catalog are lead free and RoHS compliant.
This catalog contains a limited selection of
Laird Technologies, cable core products.
Refer to www.lairdtech.com for other cable core
products not included in this cable core catalog.
Contents


Similar Part No. - 28A0592-0A2

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28A0592-0A2 LSTD-28A0592-0A2 Datasheet
158Kb / 1P
   cosmetic specification refer to wl-qa-038
28A0592-0A2 LSTD-28A0592-0A2 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - 28A0592-0A2

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com