Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M3444 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 170M3444
Description  Square Body . Flush End Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

170M3444 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  170M3444 Datasheet HTML 1Page - List of Unclassifed Manufacturers 170M3444 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720031
Bussmann®
Square Body – Flush End Contact
1250V/1300V (IEC/U.L.)
50-1400A
Electrical Characteristics
Ordering Information
Curves
Rated
-BKN/75
-BKN/80
-BKN/90
-GKN/75
-GKN/90
Current
I2t (A2S)
Type K
Type K
Type K
Type K
Type K
RMS-
Clearing
Clearing
Watts
Indicator
Indicator
Indicator
Indicator
Indicator
Size
Amps
Pre-arc
at 1000V
at 1250V
Loss
for Micro
for Micro
for Micro
for Micro
for Micro
BIF #
50
135
815
1100
15
170M3388
170M3438
170M3488
63
215
1300
1750
20
170M3389
170M3439
170M3489
80
420
2500
3350
25
170M3390
170M3440
170M3490
100
750
4450
5950
30
170M3391
170M3441
170M3491
125
1450
9000
11500
35
170M3392
170M3442
170M3492
17056630
1*
160
2600
16000
21000
40
170M3393
170M3443
170M3493
200
5150
31000
41000
45
170M3394
170M3444
170M3494
250
9200
54500
73000
55
170M3395
170M3445
170M3495
315
18500
115000
150000
60
170M3396
170M3446
170M3496
350
27000
165000
220000
65
170M3397
170M3447
170M3497
400
53000
265000
335000
70
170M3448
160
1900
11500
15500
45
170M4388
170M4438
170M4488
200
3800
22500
30000
50
170M4389
170M4439
170M4489
250
7750
46000
61500
60
170M4390
170M4440
170M4490
315
15000
90000
120000
65
170M4391
170M4441
170M4491
1
350
20000
125000
165000
70
170M4392
170M4442
170M4492
17056632
400
29500
175000
235000
75
170M4393
170M4443
170M4493
450
42000
250000
335000
80
170M4394
170M4444
170M4494
500
69500
340000
435000
85
†170M4395
170M4445
†170M4495
550
95000
465000
590000
95
‡170M4396
170M4446
‡170M4496
630
130000
660000
100
‡170M4397
†170M4447
‡170M4497
250
6500
38500
51500
65
170M5388
170M5438
170M5588
280
9350
55500
74500
70
170M5389
170M5439
170M5589
315
13000
77500
105000
75
170M5390
170M5440
170M5590
350
16500
97500
135000
80
170M5391
170M5441
170M5591
400
23000
140000
180000
85
170M5392
170M5442
170M5592
450
34000
205000
270000
90
170M5393
170M5443
170M5593
2
500
48000
285000
380000
95
170M5394
170M5444
170M5494
170M5594
170M5644
550
62000
370000
495000
100
170M5395
170M5445
170M5495
170M5595
170M5645
17056634
630
115000
575000
730000
110
†170M5396
170M5446
170M5496
†170M5596
170M5646
700
160000
795000
1050000
115
‡170M5397
†170M5447
170M5497
‡170M5597
170M5647
800
245000
1200000
1550000
120
‡170M5398
‡170M5448
170M5498
‡170M5598
170M5648
†900
360000
1750000
125
170M5499
170M5649
†1000
480000
2350000
135
170M5500
170M5650
315
9500
58000
77500
85
170M6338
170M6538
170M6588
350
13500
81500
110000
90
170M6339
170M6539
170M6589
400
19500
120000
160000
95
170M6340
170M6540
170M6590
450
31000
185000
245000
100
170M6341
170M6541
170M6591
500
39000
235000
310000
105
170M6342
170M6542
170M6592
550
55000
325000
435000
110
170M6343
170M6543
170M6593
630
83500
495000
665000
115
170M6344
170M6544
170M6494
170M6594
170M6644
17056636
3
700
115000
705000
940000
120
170M6345
170M6545
170M6495
170M6595
170M6645
800
205000
995000
1300000
125
†170M6346
170M6546
¥170M6496
†170M6596
¥170M6646
900
305000
1500000
1900000
130
‡170M6347
†170M6547
¥170M6497
‡170M6597
¥170M6647
1000
450000
2150000
2750000
135
‡170M6348
†170M6548
¥170M6498
‡170M6598
¥170M6648
1100
575000
2800000
3600000
140
‡170M6349
‡170M6549
¥170M6499
‡170M6599
¥170M6649
†1250
810000
3950000
145
170M6500
170M6650
†1400
1250000
6000000
150
170M6501
170M6651
Interrupting rating 100kA RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †1100V ‡1000V
¥1250V (Consult Bussmann for U.L. Recognition/ CSA Component Acceptance status.)
Individual Fuse Weight:
Size 1* = 0.380 kg
Size 1 = 0.580 kg
Size 2 = 0.900 kg
Size 3 = 1.250 kg
Microswitch indicator ordered separately.
®
7-11-01
SB01191
R


Similar Part No. - 170M3444

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3444 COOPER-170M3444 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
More results

Similar Description - 170M3444

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
170M5961 IRI-170M5961 Datasheet
158Kb / 2P
   Square Body Flush End Contact
logo
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
List of Unclassifed Man...
170M6465 ETC2-170M6465 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
Cooper Bussmann, Inc.
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M6499 COOPER-170M6499 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.) 50-1400A
170M3488 COOPER-170M3488 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
   Square Body Accessories
logo
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
   Square Body Semiconductor Fuses
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com