Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2027-42 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2027-42
Description  2027 Series - 2-Pole Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-42 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2027-42 Datasheet HTML 1Page - Bourns Electronic Solutions 2027-42 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2027 Series - 2-Pole Gas Discharge Tube
Product Dimensions
How to Order
2027 - xx - x nn T1 LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Leads
A = None
B = 0.8 mm
C = 1 mm
Lead Shape
(See Product Dimension Drawings)
Packaging
Blank = Bulk Packaging (Standard)
T1 =
Reelpack (Optional - not available for Models 2027-xx-B19
and 2027-xx-B10/C10)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
REV. 07/27/11
2027-XX-A
2027-XX-B19 — 0.8 mm (0.032 in.) dia. lead wire
(Not available in reelpack)
2027-XX-B — 0.8 mm (0.032 in.) dia. lead wire
2027-XX-C — 1.0 mm (0.040 in.) dia. lead wire
6.0
(.236)
8.0
(.314)
DIA.
2.3
(.091)
6.4
(.252)
16.8
(.661)
0.8
(.031)
4 PLCS.
R
2 PLCS.
19 °
8.4
(.331)
6.4
(.252)
14.0
(.551)
12.7 ± 0.5
(.500 ± .020)
65.0
(2.5)
30.0
(1.2)
2 PLCS.
LONG
MIN.
2027-XX-B10 — 0.8 mm (0.032 in.) dia. lead wire
2027-XX-C10 — 1.0 mm (0.040 in.) dia. lead wire
(Not available in reelpack)
8.1
(.318)
2.0
(.078)
1.5
(.060)
12.7
(.500)
0.8
(.030)
2 PLCS.
R
2.0
(.075)
2 PLCS.
R
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
Model 2027-xx-nn ships standard bulk pack, 100 pcs./bag.
The optional reelpack (-BT1) contains 1,000 pcs./reel.
Reel is 14 “ in diameter and 2.75 “ wide.
2027-XX-BT1 — 0.8 mm (0.032 in.) dia. lead wire
52.4
(2.1)
10.0
(0.4)


Similar Part No. - 2027-42

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-42 BOURNS-2027-42 Datasheet
257Kb / 2P
   2027 Series - 2-Pole Gas Discharge Tube Stable breakdown throughout life
2027-42-A BOURNS-2027-42-A Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2027-42-ALF BOURNS-2027-42-ALF Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2027-42-B BOURNS-2027-42-B Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2027-42-B10 BOURNS-2027-42-B10 Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
More results

Similar Description - 2027-42

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-07 BOURNS-2027-07 Datasheet
257Kb / 2P
   2027 Series - 2-Pole Gas Discharge Tube Stable breakdown throughout life
2027-07 BOURNS-2027-07_15 Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF Datasheet
236Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2027-35-SMLF BOURNS-2027-35-SMLF Datasheet
187Kb / 2P
   2027-xx-SM Precision Gas Discharge Tube Surge Protector
2026-07 BOURNS-2026-07_15 Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com