Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFB310190-000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LFB310190-000
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LFB310190-000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LFB310190-000 Datasheet HTML 7Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 8Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 9Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 10Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 11Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 12Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 13Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 14Page - List of Unclassifed Manufacturers LFB310190-000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
visit www.lairdtech.com for product additions and more product details
High Frequency Split, Snap-On, Ferrite Cores in Plastic Cases
-0A2 = Black Plastic Snap On Case
- Other parts may be available.
Please contact Laird Technologies.
PART
NUMBER
Figure
#
PLASTIC CASE DIMENSIONS
mm
(inches)
Maximum
Cable
Diameter
mm
(inches)
Typical Impedance
( Z ) in Ohms (
Ω )
Laird
Technologies
Solid Cylindrical
Core Similar Parts
(for reference)
A
B
C
D
@ 00 MHz @ 800 MHz
@ 1 GHz
HFA100049-0A2
1
13.72
(0.540)
5.44
(0.214)
30.56
(1.203)
13.72
(0.540)
.88
(0.19)
152
168
162
HFB095051-200
HFA150066-0A2
2
18.15
(0.715)
7.05
(0.278)
32.50
(1.280)
18.90
(0.744)
.0
(0.0)
350
350
256
HFB143064-200
HFA150068-0A2
1
21.00
(0.827)
6.80
(0.268)
41.70
(1.642)
21.00
(0.827)
.
(0.)
340
280
200
HFB150070-200
HFA163090-0A2
1
19.10
(0.752)
9.09
(0.358)
40.36
(1.589)
20.80
(0.819)
9.01
(0.)
260
260
200
HFB160093-300
HFA187102-0A2
2
22.28
(0.877)
10.00
(0.394)
32.77
(1.290)
21.84
(0.860)
10.1
(0.00)
290
281
210
HFB187102-100
HFA259131-0A2
2
29.00
(1.142)
13.00
(0.512)
32.50
(1.280)
29.62
(1.166)
1.0
(0.1)
315
274
200
HFB259128-100
A
C
B
D
Figure 
C
B
A
Figure 
Figure 1
C
A
B
D
C
B
A
Figure 
C
B
A
Figure 
D
Plastic Case Split / Snap-On Part Diagrams
All impedance values for high frequency cores are NET; NET
impedance is impedance of the ferrite core only. All impedance
contribution from the test wire and fixtures has been removed.


Similar Part No. - LFB310190-000

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LFB310190-000 LSTD-LFB310190-000 Datasheet
118Kb / 1P
   this print is the property of laird tech
LFB310190-000 LSTD-LFB310190-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - LFB310190-000

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com