Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5210E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5210E
Description  Instrument Knobs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5210E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5210E Datasheet HTML 1Page - List of Unclassifed Manufacturers 5210E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Control Knobs
Ohmite
Dimensions (inches)
Set
Shaft
Finish
Part
A
B
C
D
E
screw hole*
**
5700E
1/2
5/8
15/32
1/2
3/16
6-32
PH
-
5701E
1/2
5/8
15/32
1/2
3/16
6-32
PH
L
5710E
3/4
1/2
17/32
13/32
7/32
8-32
PH
L
5713E
11/8
5/8
13/16
1/2
9/32
8-32
PH
L
5719E
11/8
5/8
11/4
1/2
9/32
8-32
BB
L
5730E
11/2
7/8
11/64
3/4
9/32
8-32
PH
SDL
5740E
21/32
15/16
13/8
13/16
5/16 8-32 (2) PH
SDL
5800E
11/2
11/16
5/8
9/16
9/32
8-32
PH
L
*PH=Plain Hole BB=Brass Bushing **L=Lined SD=Silver Disc SDL=Silver Disc Lined
Skirted Knobs
5700E, 5701E
F EA tur ES
• Available in phenolic to provide
appearance, strength, and heat
resistance for a variety of appli-
cations
• Sizes, shapes, decorative inlays,
and graphics to enhance your
products
• Engraving, hot stamping, and
pad printing available
• Skirt adds level of decoration
• Samples available
C
D
B
A
E
5710E, 5730E, 5740E
5713E, 5719E
5800E
Ohmite
Dimensions (inches)
Part
A
B
D
E
transilluminated Knobs
5941E
13/8 27/32 23/32 1/4
5921E 15/8 61/64 7/8
1/4
5931E 157/64 1
7/8
9/32
transilluminated/Soft touch Knobs
5940E, 5920E, 5930E
F EA tur ES
• Soft thermoplastic elastomer
• Two shot molding process
enables multiple materials to be
embedded into one part
• Available in black TPE over
white or clear indicator to provide
comfort and style to your appli-
cation
• Call for any other color or combi-
nation
• Matte finish
C
D
B
A
E
5941E, 5921E, 5931E
S PECIFICA t IO n S
Material type: Thermoset
Inset diam.: 1/4 in.
S PECIFICA t IO n S
Material type: Thermoplastic
overmold
Inset diam.: 1/4 in.
Set screw: 8-32
Shaft hole: Brass bushing
Finish: Matte
Ohmite
Dimensions (inches)
Part
A
B
D
E
Soft touch Knobs
5940E
13/8 27/32 23/32 1/4
5920E
15/8 61/64 7/8
9/32
5930E 157/64 1
7/8
5/16
Customization
In order to save you time
and money, Ohmite offers
a wide array of secondary
operations and finishing
services. Most of our parts
can be customized to your
specific need. Our second-
ary operations and finishing
services include:
• Hot Stamping
• Drilling
• Pad Printing
• Engraving
• Ultrasonic Welding
• Branding
• Paint Fill
• Decorative Pointers
• Machining
• Turning
• Tapping
• Bagging
• Buff and Polish
• Sand Blasting
• 3-D CAD Imaging
• Assembly
• Packaging
• Custom Color Matching
• Kitting
• Silk Screen
• Decorative Inlays
• Plating
• Vacuum Metalizing
• Paint Coatings


Similar Part No. - 5210E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5210 ETC2-5210 Datasheet
205Kb / 1P
   A-AA DUAL M/F BATTERY CONTACT
5210 ETC2-5210 Datasheet
457Kb / 1P
   BATTERY CONTACTS FOR MOLDED CASES
logo
Littelfuse
52100001009 LITTELFUSE-52100001009 Datasheet
203Kb / 1P
   520/521/102071 Series, Clips
52100001009 LITTELFUSE-52100001009 Datasheet
874Kb / 1P
   520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
logo
Lapp.
52100300 LAPP-52100300 Datasheet
117Kb / 2P
   SKINDICHT® EKU-M
13.12.2021
More results

Similar Description - 5210E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
450-MPN71 ETC2-450-MPN71 Datasheet
192Kb / 2P
   Instrument Control Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
   Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
   Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
   Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
   Knobs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com