Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1325-4 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 1325-4
Description  Stackable Type For Standard Banana Jacks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

1325-4 Datasheet(HTML) 1 Page - Pomona Electronics

  1325-4 Datasheet HTML 1Page - Pomona Electronics 1325-4 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90269 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d1325_5230_5406_1_01.doc
Page 1 of
1
Model Models 1325, 5230 & 5406
Do-It-Yourself Banana Plug, Solderless
Stackable Type For Standard Banana Jacks
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Designed to fit on the end of any 22 AWG to 18 AWG wire.
• Cross hole wire entry fits wires up to .12” (3mm) diameter
• Set screw clamps wire firmly with flat blade screwdriver
• Available with tarnish resistant nickel or gold plating for very low contact resistance
• Model 5230 is compatible to high temperatures up to +150°C (+302°F)
• Set screw simplifies assembly of test leads and jumpers
• Fits standard panel and binding post banana jacks .161” to .166” (4,0mm to 4,2mm) diameter
RATINGS:
Operating Voltage:
Hand-held Testing: 30VAC/60VDC Max.
Hand Free Testing in controlled Voltage Environment: 5000 WVDC.
Operating Temperature: +50
°C (+122°F) Max. Model 5230: +150°C (+302°F)
Current:15 Amperes
ORDERING INFORMATION:
Model 1325-0 Nickel Plated Banana Plug with Black Insulation
Model 1325-1 Nickel Plated Banana Plug with Brown Insulation
Model 1325-2 Nickel Plated Banana Plug with Red Insulation
Model 1325-3 Nickel Plated Banana Plug with Orange Insulation
Model 1325-4 Nickel Plated Banana Plug with Yellow Insulation
Model 1325-5 Nickel Plated Banana Plug with Green Insulation
Model 1325-6 Nickel Plated Banana Plug with Blue Insulation
Model 1325-7 Nickel Plated Banana Plug with Violet Insulation
Model 1325-8 Nickel Plated Banana Plug with Gray Insulation
Model 1325-9 Nickel Plated Banana Plug with White Insulation
Model 5406-0 Gold Plated Banana Plug with Black Insulation
Model 5406-2 Gold Plated Banana Plug with Red Insulation
Model 5230-0 Nickel Plated Banana High Temperature Plug with Black Insulation
Model 5230-6 Nickel Plated Banana High Temperature Plug with Blue Insulation


Similar Part No. - 1325-4

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
   Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
More results

Similar Description - 1325-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1825-2 3M-1825-2 Datasheet
34Kb / 1P
   Standard Banana Jacks, Solderless and Stackable
logo
Pomona Electronics
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
   Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
1325 POMONA-1325 Datasheet
76Kb / 1P
   Standard Banana Jacks, Solderless and Stackable
1825 POMONA-1825 Datasheet
34Kb / 1P
   Standard Banana Jacks, Solderless and Stackable
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-5 3M-1825-5 Datasheet
76Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
List of Unclassifed Man...
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
   Stackable Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
   SOLDERLESS STACKABLE BANANA PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com