Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

311SM704-T Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # 311SM704-T
Description  Interactive Catalog Replaces Catalog Pages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

311SM704-T Datasheet(HTML) 6 Page - Honeywell Accelerometers

  311SM704-T Datasheet HTML 1Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 2Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 3Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 4Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 5Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 6Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 7Page - Honeywell Accelerometers 311SM704-T Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Basic Switches
SM Series
Subminiature
30
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force; R.F. — Release Force;
P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel; O.P.
— Operating Position; F.P. — Free Position
* All characteristics are taken with actuator assembled to Catalog Listing 11SM3-T as
shown.
ORDER GUIDE
AUXILIARY
ACTUATORS
Switches are not
included with the
actuators.
Actuator
Length
‘‘A’’
O.F. max. R.F. min.
P.T. max.
O.T. min. D.T. max.
O.P.
F.P. max.
Catalog
mm
newtons newtons
mm
mm
mm
mm
mm
Listing
Description
inches
ounces
ounces
inches
inches
inches
inches
inches
JS-2
Straight leaf
16,8
2,78
0,56
1,98
0,38
0,38
8,89
±0,38
11,3
.66
10
2
.078
.015
.015
.350
±.015
.445
Dim. Dwg. Fig. 14
JS-5
Roller leaf
15
2,78
0,83
1,98
0,38
0,38
14,2
±0,38
16,9
(Bronze roller)
.59
10
3
.078
.015
.015
.580
±.015
.665
Dim. Dwg. Fig. 14
JS-7
Formed leaf
14,7
2,78
0,56
2,39
0,79
0,38
9,65
±0,38
12,1
(Simulated
roller)
.58
10
2
.094
.031
.015
.380
±.015
.475
Dim. Dwg. Fig. 14
JS-220
Straight lever
26,2†
0,28
0,04
3,18
0,76
0,76
10,3
1.03
1
.14
.125 approx.
.030
.030
.406 approx.
Dim. Dwg. Fig. 16
JS-246
Roller lever
25,4†
0,28
0,04
3,18
0,76
0,76
14,3
(Steel roller)
1.00
1
.14
.125 approx.
.030
.030
.562 approx.
Dim. Dwg. Fig. 16
JS-221
Formed lever
25,4†
0,28
0,04
3,18
0,76
0,76
11,6
(Simulated
roller)
1.00
1
.14
.125 approx.
.030
.030
.455 approx.
Dim. Dwg. Fig. 16
JS-33**
Tandem leaf
5,3
5,00
2,78
2,36
0,15
0,38
8,89
±0,38
10,5
.21
18
10
.093
.006
.015
.350
±.015
.415
JS-31**
Tandem
roller leaf
4,3
11,1
4,45
2,36
0,13
0,38
14,5
±0,38
16,1
(Bronze roller)
.17
40
16
.093
.005
.015
.570
±.015
.635
**Travel characteristics on tandem actuators vary with actual basic switch characteristics.
NOTE: Above actuators should be used below
+300°F.
See page 79 for other actuators that may be used with SM Switches at higher temperatures.
†‘‘A’’ measurement is from the pivot point of lever to the point indicated on drawing.


Similar Part No. - 311SM704-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM704-T HONEYWELL-ACC-311SM704-T Datasheet
335Kb / 7P
   Interactive Catalog Replaces Catalog Pages
311SM704-T HONEYWELL-ACC-311SM704-T Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
Honeywell Solid State E...
311SM704-T HONEYWELL-311SM704-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
311SM704-T HONEYWELL-ACC-311SM704-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
311SM704-T HONEYWELL-ACC-311SM704-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 311SM704-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com