Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5931E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5931E
Description  Instrument Knobs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5931E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5931E Datasheet HTML 1Page - List of Unclassifed Manufacturers 5931E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
1
Control Knobs
Instrument Knobs
Ohmite
Dimensions (inches)
Set
Shaft Finish
Part
A
B
C
D
E
screw
hole*
**
5200E
25/32
15/32
21/32
13/32
7/32
M3 x 0.5
BB
SDL
5205E
1
37/64
29/32
1/2
27/32
M4 x 0.7
BB
SDL
5210E
19/32
21/32
15/32
33/64
11/32
M4 x 0.7
BB
SDL
5220E
13/4
13/16
11/2
45/64 115/32
M4 x 0.7
BB
SDL
5240E
19/32
35/64
31/64
27/64
23/64
M3 x 0.5
BB
L
5250E
15/16
25/32
3/4
19/32
19/32
M4 x 0.7
BB
L
5300E
17/32
5/8
3/8
7/32
7/16
6-32
PH
SCL
5302E
25/32
5/8
17/32
17/32
9/32
8-32
PH
SCL
5304E
11/32
11/16
7/8
17/32
9/32
8-32
PH
SCL
5450E
11/16
13/32
5/8
11/32
3/16
8-32
PH
-
5475E
1
1/2
15/16
7/16
9/32
8-32
PH
*PH=Plain Hole BB=Brass Bushing **SDL=Silver Disc Lined; L=Lined; SCL=Silver Cap Lined
C
D
E
A
B
5200E, 5205E
5210E, 5220E
5240E, 5250E
5300E
5302E
5304E
5475E
5450E
F EA tur ES
• Phenolic material provides heat
and impact resistance for dura-
bility
• Can be customized with decora-
tive inlays, indicator lines, or
slots
• Engraving, hot stamping, and
pad printing available for a dis-
tinct appearance
Ohmite
Dimensions (inches)
Set
Insert Shaft Finish
Part
A
B
D
E
screw diam. hole*
**
5400E
27/32
13/32
11/32
3/16
8-32
1/4
PH
-
5470E
1
1/2
7/16
9/32
8-32
1/4
PH
L
5500E
11/8
9/16
9/32
9/32
8-32
1/4
PH
L
5510E
3/4
9/16
13/32
7/32
8-32
1/4
PH
L
5511E
3/4
9/16
7/16
-
-
1/4*** Spring
L
5520E
11/2
3/4
5/8
5/16
8-32
1/4
PH
L
5521E
11/2
3/4
7/16
5/16
8-32
1/4
BB
L
5522E
11/8
5/8
7/16
9/32
8-32
1/4
PH
L
5600E
17/32
5/8
1/2
9/32
8-32
1/4
PH
-
5601E
17/32
5/8
1/2
9/32
8-32
1/4
PH
L
5602E
17/32
5/8
9/32
9/32
8-32
1/4
BB
L
5610E
13/16
1/2
7/16
7/32
8-32
1/4
PH
-
*PH=Plain Hole BB=Brass Bushing **L=Lined ***1/4" flatted to 5/32"
Pointer Knobs
5400E
F EA tur ES
• Phenolic material provides heat
and impact resistance for dura-
bility
• Terrific range of styles and sizes
• Indicator line available on sev-
eral of the pointer knobs for pre-
cise settings
• Samples available
B
D
E
A
5470E
5500E, 5520E,
5521E
5510E, 5511E
5522E
5600E, 5601E, 5602E
5610E
S PECIFICA t IO n S
Material type: Thermoset
Inset diam.: 1/4 in.
S PECIFICA t IO n S
Material type: Thermoset
Customization
In order to save you time
and money, Ohmite offers
a wide array of secondary
operations and finishing
services. Most of our parts
can be customized to your
specific need. Our second-
ary operations and finishing
services include:
• Hot Stamping
• Drilling
• Pad Printing
• Engraving
• Ultrasonic Welding
• Branding
• Paint Fill
• Decorative Pointers
• Machining
• Turning
• Tapping
• Bagging
• Buff and Polish
• Sand Blasting
• 3-D CAD Imaging
• Assembly
• Packaging
• Custom Color Matching
• Kitting
• Silk Screen
• Decorative Inlays
• Plating
• Vacuum Metalizing
• Paint Coatings


Similar Part No. - 5931E

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
5931-0 POMONA-5931-0 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
5931-2 POMONA-5931-2 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
5931-6 POMONA-5931-6 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
5931-9 POMONA-5931-9 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
More results

Similar Description - 5931E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
450-MPN71 ETC2-450-MPN71 Datasheet
192Kb / 2P
   Instrument Control Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
   Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
   Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
   Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
   Knobs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com