Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36340 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 36340
Description  Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

36340 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  36340 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
26
Wiha
T-handle
Scr , with Wiha-T-handle
Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard
chrome finish. Wiha T-handle high quality plastic, impact resistant.
Item
No.
Size mm
Inch mm
Inch
mm
Inch lbs
pkg.
364 09
T9
100
3.9
4.0
5/32
80
3.1
.07
10
364 10
T10
100
3.9
4.0
5/32
80
3.1
.07
10
364 15
T15
100
3.9
4.0
5/32
80
3.1
.07
10
364 17
T15
200
7.9
5.5
7/32
80
3.1
.13
10
364 20
T20
100
3.9
4.0
5/32
100
3.9
.10
10
364 22
T20
200
7.9
5.5
7/32
100
3.9
.17
10
364 25
T25
100
3.9
4.0
5/32
100
3.9
.11
10
364 27
T25
200
7.9
5.5
7/32
100
3.9
.17
10
364 30
T27
100
3.9
5.5
7/32
100
3.9
.14
10
364 32
T27
200
7.9
5.5
7/32
100
3.9
.17
10
364 35
T30
100
3.9
7.9
6.0
100
3.9
.14
10
364 37
T30
200
7.9
6.0
1/4
100
3.9
.19
10
364 40
T40
100
3.9
7.0
9/32
100
3.9
.16
10
364 42
T40
200
7.9
7.0
9/32
100
3.9
.23
10
364 45
T45
150
5.9
8.0
5/16
120
4.7
.29
10
364 50
T50
150
5.9
9.0
3/8
120
4.7
.30
10
364 52
T50
250
9.8
9.0
3/8
120
4.7
.45
10
364 92
364
Set 7 Pc.
T-handle.
Blade CVM steel, hardened, hard chrome finish.
Wiha-T-handle high quality plastic, impact resistant.
Item
No.
Size mm
Size
mm
lbs.
364 92
364 09
T9
100
364 27
T25
200
1.24
364 10
T10 100
364 32
T27
200
364 17
T15 200
364 37
T30
200
364 22
T20 200
Set in Metal Stand, 8 Pc.
Wiha T-handle includes
sizes: T10, 15, 20, 25, 30, 40 x 100mm
T45 x 150mm, T50 x 150mm
Item
No.
lbs.
pkg.
364 93
3.10
1
364 93
L-key, Short Arm
High alloy chrome-vanadium-molybdenum steel, hardened, black finish.
Item
No.
Size
mm
Inch
mm
Inch
lbs.
pkg.
363 05
T5
37
1.5
16
.6
.01
10
363 06
T6
39
1.5
16
.6
.01
10
363 07
T7
42
1.7
16
.6
.01
10
363 08
T8
45
1.8
16
.6
.01
10
363 09
T9
48
1.9
16
.6
.01
10
363 10
T10
51
2.0
17
.7
.01
10
363 15
T15
54
2.1
19
.7
.01
10
363 20
T20
58
2.3
19
.7
.01
10
363 25
T25
63
2.5
21
.8
.02
10
363 27
T27
67
2.6
22
.9
.03
10
363 30
T30
73
2.9
24
.9
.05
10
363 40
T40
79
3.1
26
1.0
.06
10
363 45
T45
82
3.2
28
1.1
.09
10
363 50
T50
95
3.7
32
1.3
.13
10
363 55
T55
108
4.3
35
1.4
.27
10
363 60
T60
120
4.7
38
1.5
.40
10
Set, 7 Pc. in Plastic Holder
Equipped with T6, T7, T8, T9, T10, T15, T20
Item
No.
lbs.
pkg.
363 92
.10
1
Set, 9 Pc. in Plastic Holder
Equipped with T8, T9, T10, T15, T20, T25, T27, T30, T40
Item
No.
lbs.
pkg.
363 94
.30
1
Set, 16 Pc.
Equipped with T5, T6, T7, T8, T9, T10, T15, T20, T25,
T27, T30, T40, T45, T50, T55, T60
Item
No.
lbs.
pkg.
363 99
1.14
1
363
363 92
363 94
363 99
#36392
#36394
#36493
#36399
Wiha
Short Arm L-keys
• Blade high alloy chrome-vanadium-
molybdenum steel, hardened, hard
chrome finish
• Wiha T-handle high quality plastic,
impact resistant
NEW
From
Wiha
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 36340

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3634 FESTO-3634 Datasheet
91Kb / 1P
   One-way flow control valve
More results

Similar Description - 36340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
33403 ETC2-33403 Datasheet
261Kb / 1P
   Wiha T-handle Hex Tools
35307 ETC2-35307 Datasheet
204Kb / 1P
   Wiha Quality Tools Short Arm Hex L-keys Black Finish
35305 ETC2-35305 Datasheet
204Kb / 1P
   Wiha Quality Tools Short Arm Hex L-keys Black Finish
32641 ETC-32641 Datasheet
261Kb / 1P
   Wiha T-handle Hex Tools Ergonomic handle design for high torque
161-12 ETC2-161-12 Datasheet
250Kb / 1P
   Wiha Flag Handle and Offset Screwdriver.
71322 ETC2-71322 Datasheet
170Kb / 1P
   Wiha Sockets
60213 ETC2-60213 Datasheet
191Kb / 1P
   Wiha Quality Tools Wiha 3/8 Sockets & Sets
44222 ETC2-44222 Datasheet
379Kb / 1P
   Wiha Quality Tools
32919 ETC2-32919 Datasheet
199Kb / 1P
   Wiha ComfortGrip Pliers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com