Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

742C08349R9FP Datasheet(PDF) 4 Page - CTS Corporation

Part # 742C08349R9FP
Description  Chip Resistor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

742C08349R9FP Datasheet(HTML) 4 Page - CTS Corporation

  742C08349R9FP Datasheet HTML 1Page - CTS Corporation 742C08349R9FP Datasheet HTML 2Page - CTS Corporation 742C08349R9FP Datasheet HTML 3Page - CTS Corporation 742C08349R9FP Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0335-0
Page 4 - 4
Rev. F
Chip Resistor Arrays
Series 74x
CIRCUIT TYPES
740X043
2 Resistors
4Terminations
744C043
2 Resistors
4 Terminations
744C083
4 Resistors
8 Terminations
741C083
4 Resistors
8 Terminations
741X043
2 Resistors
4 Terminations
741X083
4 Resistors
8 Terminations
741X163
8 Resistors
16 Terminations
742C163
8 Resistors
16 Terminations
742C083
4 Resistors
8 Terminations
742C043
2 Resistors
4 Terminations
742X083
4 Resistors
8 Terminations
743C043
2 Resistors
4 Terminations
743C083
4 Resistors
8 Terminations
746X101
8 Resistors
10 Terminations
745C101
8 Resistors
10 Terminations
745C102
8 Resistors
10 Terminations
745X 1 0 1
8 R e s ist o rs
1 0 T e r m in a tio n s
745X 102
8 R e s ist o rs
1 0 T e r m in a tio n s
C o m m on P a d
D e signator
50 m il pitch ( 1 .2 7m m )
N o te : T he M a rking C oncept fo r C onvex and
C o nc ave S e ri es 745 is D i ffe rent.


Similar Part No. - 742C08349R9FP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
742C08349R9FP CTS-742C08349R9FP Datasheet
185Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Low Cost
More results

Similar Description - 742C08349R9FP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com