Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDN03264C1CF1MT-60 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SDN03264C1CF1MT-60
Description  256MB DDR . SDRAM SoDIMM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDN03264C1CF1MT-60 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SDN03264C1CF1MT-60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDN03264C1CF1MT-60 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
Rev.1.0
30.05.2012
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 11
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 13
SERIAL PRESENCE-DETECT MATRIX (continued)
BYTE
DESCRIPTION
3200-3033
2700-2533
32
ADDRESS AND COMMAND SETUP TIME, (tIS)
0x60
0x75
33
ADDRESS AND COOMAND HOLD TIME, (tIH)
0x60
0x75
34
DATA/DATA MASK INPUT SETUP TIME, (tDS)
0x40
0x45
35
DATA/DATA MASK INPUT HOLD TIME, (tDH)
0x40
0x45
36-40
RESERVED
0x00
41
MIN ACTIVE AUTO REFRESH TIME (tRC)
0x37
0x3C
42
MINIMUM AUTO REFRESH TO ACTIVE/
AUTO REFRESH COMMAND PERIOD, (tRFC)
0x46
0x48
43
SDRAM DEVICE MAX CYCLE TIME (tCKMAX)
0x30
0x30
44
SDRAM DEVICE MAX DQS-DQ SKEW TIME
(tDQSQ)
0x28
0x2D
45
SDRAM DEVICE MAX READ DATA HOLD SKEW
FACTOR (tQHS)
0x50
0x55
46-61
RESERVED
0x00
62
SPD REVISION
0x10
63
CHECKSUM FOR BYTES 0-62
0x87
0x19
4
MANUFACTURER`S JEDEC ID CODE
7F
65
MANUFACTURER`S JEDEC ID CODE
7F
66
MANUFACTURER`S JEDEC ID CODE
7F
67
MANUFACTURER`S JEDEC ID CODE
(continued)
DA
72
MANUFACTURING LOCATION
X
73-90
MODULE PART NUMBER (ASCII)
“SDN03264C1CF1MT-xx”
91
PCB IDENTIFICATION CODE
x
92
IDENTIFICATION CODE (continued)
x
93
YEAR OF MANUFACTURE IN BCD
x
94
WEEK OF MANUFACTURE IN BCD
x
95-98
MODULE SERIAL NUMBER
x
x
99-127
MANUFACTURER-SPECIFIC DATA (RSVD)
Part Number Code
S
D
N
032
64
C1
C
F
1
MT
-
50
*
R
1
2
3
4
5
6
7
8
9
10
11
12
13
*RoHs compl.
Swissbit AG
DDR-400MT/s
SDRAM DDR
200 Pin Unbuffered 2.5V
Chip Vendor (Micron)
Depth (256MB)
1 Module Rank
Width
Chip Rev. F
PCB-Type (S1D3F1.00)
Chip organisation x16
* optional / additional information


Similar Part No. - SDN03264C1CF1MT-60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264C1CJ1SA-50[ ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com