Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-88565 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5962-88565
Description  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962-88565 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5962-88565 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-88565
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
F
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/ 2/
-55
°C ≤ TA ≤+125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Input offset voltage
VIO
1
01
±0.4
mV
2, 3
±0.6
M,D,P,L,R
1
±0.6
1
02
±0.8
2, 3
±1.2
M,D,P,L,R
1
±1.0
Input offset current
IIO
VCM = 0 V
1
All
±10
nA
2, 3
±20
M,D,P,L,R
1
50
Input bias current
IIB
VCM = 0 V
1
All
±25
nA
2, 3
±50
M,D,P,L,R
1
±500
Input noise voltage
En
fO = 1 Hz to 100 Hz
TA = +25
°C
3/
7
01
110
nV
RMS
02
265
Large-signal voltage gain
AVS
VO =
±10 V,
RL = 10 k
4
01
1000
V/mV
5, 6
750
M,D,P,L,R
4
100
VO =
±10 V,
RL = 2 k
Ω 3/
4
500
5, 6
400
VO =
±10 V,
RL = 10 k
4
02
500
5, 6
375
M,D,P,L,R
4
50
See footnotes at end of table.


Similar Part No. - 5962-88565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
More results

Similar Description - 5962-88565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com