Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-88565 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5962-88565
Description  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962-88565 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5962-88565 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-88565
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
F
SHEET
9
DSCC FORM 2234
APR 97
TABLE IIA. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
1
1
1
Final electrical
parameters (see 4.2)
1,2,3,4,5,6 1/
1,2,3,4,5,6 1/
1,2,3,4, 1/ 2/
5,6
Group A test
requirements (see 4.4)
1,2,3,4,5,6,7
1,2,3,4,5,6,7
1,2,3,4,5,6,7
Group C end-point electrical
parameters (see 4.4)
1
1
1 2/
Group D end-point electrical
parameters (see 4.4)
1
1
1
Group E end-point electrical
parameters (see 4.4)
----
----
1, 4
1/ PDA applies to subgroup 1.
2/ See table IIB for delta measurement parameters.
Table IIB. 240 hour burn-in and group C end-point electrical parameters.
Limit
Delta
Parameter
Device type
Min
Max
Min
Max
01
0.4 mV
100
µV
VOS
02
0.8 mV
250
µV
01
10 nA
5 nA
IOS
02
10 nA
5 nA
01
±25 nA
5 nA
IB
02
±25 nA
5 nA
4.4 Conformance inspection. Technology conformance inspection for classes Q and V shall be in accordance with
MIL-PRF-38535 including groups A, B, C, D, and E inspections and as specified. Quality conformance inspection for device
class M shall be in accordance with MIL-PRF-38535, appendix A and as specified herein. Inspections to be performed for
device class M shall be those specified in method 5005 of MIL-STD-883 and herein for groups A, B, C, D, and E inspections
(see 4.4.1 through 4.4.4).
4.4.1 Group A inspection.
a.
Tests shall be as specified in table IIA herein.
b.
Subgroups 8, 9, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.


Similar Part No. - 5962-88565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
More results

Similar Description - 5962-88565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com