Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR1V271MCL1GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # PCR1V271MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCR1V271MCL1GS Datasheet(HTML) 3 Page - Nichicon corporation

  PCR1V271MCL1GS Datasheet HTML 1Page - Nichicon corporation PCR1V271MCL1GS Datasheet HTML 2Page - Nichicon corporation PCR1V271MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CR
series
Standard Ratings
Rated Voltage
(V)(code)
Surge Voltage
(V)
600
1000
1300
1300
2900
2200
2900
3000
3500
600
1000
1200
1100
2700
2100
2900
2800
3000
1200
1400
1600
1700
2100
1100
1200
1500
1600
2100
132
75
54
68
39
51
38
38
29
138
77
68
72
42
53
41
42
36
75
57
53
50
42
83
68
63
59
42
88
50
36
45
26
34
25
25
19
92
51
45
48
28
35
27
28
24
50
38
35
33
28
55
45
42
39
28
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 8
8 × 10
8 × 12
10 × 10
10 × 12.7
6.3 × 8
8 × 10
8 × 12
10 × 10
10 × 12.7
12
22
39
39
82
82
120
120
180
6.8
12
22
22
39
47
56
68
100
12
27
39
47
68
5.6
12
18
22
33
63
50
(1H)
79
63
(1J)
100
80
(1K)
125
100
(2A)
PCR1H120MCL1GS
PCR1H220MCL1GS
PCR1H390MCL4GS
PCR1H390MCL1GS
PCR1H820MCL6GS
PCR1H820MCL1GS
PCR1H121MCL2GS
PCR1H121MCL1GS
PCR1H181MCL1GS
PCR1J6R8MCL1GS
PCR1J120MCL1GS
PCR1J220MCL4GS
PCR1J220MCL1GS
PCR1J390MCL1GS
PCR1J470MCL1GS
PCR1J560MCL1GS
PCR1J680MCL1GS
PCR1J101MCL1GS
PCR1K120MCL1GS
PCR1K270MCL1GS
PCR1K390MCL1GS
PCR1K470MCL1GS
PCR1K680MCL1GS
PCR2A5R6MCL1GS
PCR2A120MCL1GS
PCR2A180MCL1GS
PCR2A220MCL1GS
PCR2A330MCL1GS
Low temp.
ESR after
Endurance
(m
Ω)
(-40
C / 100kHz)
Rated Ripple
(mArms)
Rated Capacitance
(
µF)
Case Size
φD × L (mm)
tan
δ
Part Number
Initial
ESR
(m
Ω)
(20
C / 100kHz)
Rated ripple current (mArms) at 125°C 100kHz
No marked,
will be put at 12th digit of type numbering system.
1
: In this case,
will be put at 12th digit of type numbering system.
2
: In this case,
will be put at 12th digit of type numbering system.
4
: In this case,
will be put at 12th digit of type numbering system.
6
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
CAT.8100C


Similar Part No. - PCR1V271MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCR1V271MCL1GS NICHICON-PCR1V271MCL1GS Datasheet
1Mb / 2P
   Chip Type, High Reliability
More results

Similar Description - PCR1V271MCL1GS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com