Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDU01G64H3BF2MT-60R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDU01G64H3BF2MT-60R
Description  1024MB DDR ??unbuffered DDR1 UDIMM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDU01G64H3BF2MT-60R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDU01G64H3BF2MT-60R Datasheet HTML 1Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDU01G64H3BF2MT-60R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet
Rev.1.1
09.01.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 2
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 13
This Swissbit module family is industry standard 184-pin 8-byte Double Date rate synchronous SDRAM Dual-In-line
Memory Modules (DIMMs), which are organized as x64 high speed memory arrays designed for use in non-parity
applications. DIMMs are assembled in TSOP Technology. The passive devices and the EEPROM are SMD
components.
The DIMM use serial presence detects (SPD) implemented via serial EEPROM using the two-pin-I
2C protocol. The
first 128 bytes are utilized by the DIMM manufacturer and the second 128 bytes are available to the end user.
All Swissbit DIMMs provide a high performance, flexible 8-byte interface in a 133.35mm long footprint.
All modules of the extended temperature grade have seen special tests during the manufacturing process to
ensure proper operation according to the field of operation as stated in the environmental conditions.
Module Configuration
Organization
DDR SDRAMs used
Row
Addr.
Device Bank Addr.
Column
Addr.
Refresh
Module
Bank Select
128M x 64bit
16 x 64M x 8bit (512Mbit)
13
BA0, BA1
11
8k
S0#, S1#
Module Dimensions
in mm
133.35 (long) x 30(high) x 4.00 [max] (thickness)
Product Parameters
Part Number
Module Density
Transfer Rate
Clock Cycle/Data bit rate
Latency
SDU01G64H3BF2MT-50R
1024MB
3.2 GB/s
5.0ns/400MT/s
3.0-3-3
SDU01G64H3BF2MT-60R
1024MB
2.7 GB/s
6.0ns/333MT/s
2.5-3-3
Pin Name
A0-A12
Address Inputs
BA0, BA1
Bank Address Inputs
DQ0
– DQ63
Data Input/Output
DM0-DM7
Input Data Mask
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Read / Write Enable
CKE0
Clock Enable
CK0
– CK1
Clock Inputs, positive line
CK0#
– CK1#
Clock Inputs, negative line
DQS0- DQS7
Data strobes


Similar Part No. - SDU01G64H3BF2MT-60R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU01G64H3BJ2SA-50R ETC2-SDU01G64H3BJ2SA-50R Datasheet
639Kb / 13P
   1024MB DDR . unbuffered DDR1 UDIMM
SDU01G64H3BJ2SA-60R ETC2-SDU01G64H3BJ2SA-60R Datasheet
639Kb / 13P
   1024MB DDR . unbuffered DDR1 UDIMM
More results

Similar Description - SDU01G64H3BF2MT-60R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU01G64H3BJ2SA-50R ETC2-SDU01G64H3BJ2SA-50R Datasheet
639Kb / 13P
   1024MB DDR . unbuffered DDR1 UDIMM
SGU01G64A1BG1SA-BBR ETC2-SGU01G64A1BG1SA-BBR Datasheet
638Kb / 16P
   1024MB DDR3 . SDRAM UDIMM
logo
Micron Technology
MT5VDDT3272AG MICRON-MT5VDDT3272AG Datasheet
216Kb / 12P
   DDR SDRAM UDIMM
logo
List of Unclassifed Man...
SDU12864H1B62MT-50R ETC2-SDU12864H1B62MT-50R Datasheet
241Kb / 12P
   1024MB DDR . SDRAM DIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
logo
Micron Technology
MT4LSDT1664AG MICRON-MT4LSDT1664AG Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
MT4LSDT1664AY MICRON-MT4LSDT1664AY Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
MT4LSDT464AG MICRON-MT4LSDT464AG Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
logo
List of Unclassifed Man...
SDN12864L1B62MT-50 ETC2-SDN12864L1B62MT-50 Datasheet
632Kb / 14P
   1024MB DDR SDRAM SO-DIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com