Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE43A Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # 1.5KE43A
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

1.5KE43A Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  1.5KE43A Datasheet HTML 1Page - Socay Electornics Co., Ltd. 1.5KE43A Datasheet HTML 2Page - Socay Electornics Co., Ltd. 1.5KE43A Datasheet HTML 3Page - Socay Electornics Co., Ltd. 1.5KE43A Datasheet HTML 4Page - Socay Electornics Co., Ltd. 1.5KE43A Datasheet HTML 5Page - Socay Electornics Co., Ltd. 1.5KE43A Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision September 25, 2013
3 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
1.5KE Series
6.8 To 600 V
1500W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
1.5KE91
1.5KE91C
73.7
81.90
100.10
1
131.0
11.45
5
1.5KE91A
1.5KE91CA
77.8
86.45
95.55
1
125.0
12.00
5
1.5KE100
1.5KE100C
81.0
90.00
110.00
1
144.0
10.42
5
1.5KE100A
1.5KE100CA
85.5
95.00
105.00
1
137.0
10.95
5
1.5KE110
1.5KE110C
89.2
99.00
121.00
1
158.0
9.49
5
1.5KE110A
1.5KE110CA
94.0
104.50
115.50
1
152.0
9.87
5
1.5KE120
1.5KE120C
97.2
108.00
132.00
1
173.0
8.67
5
1.5KE120A
1.5KE120CA
102.0
114.00
126.00
1
165.0
9.09
5
1.5KE130
1.5KE130C
105.0
117.00
143.00
1
187.0
8.02
5
1.5KE130A
1.5KE130CA
111.0
123.50
136.50
1
179.0
8.38
5
1.5KE150
1.5KE150C
121.0
135.00
165.00
1
215.0
6.98
5
1.5KE150A
1.5KE150CA
128.0
142.50
157.50
1
207.0
7.25
5
1.5KE160
1.5KE160C
130.0
144.00
176.00
1
230.0
6.52
5
1.5KE160A
1.5KE160CA
136.0
152.00
168.00
1
219.0
6.85
5
1.5KE170
1.5KE170C
138.0
153.00
187.00
1
244.0
6.15
5
1.5KE170A
1.5KE170CA
145.0
161.50
178.50
1
234.0
6.41
5
1.5KE180
1.5KE180C
146.0
162.00
198.00
1
258.0
5.81
5
1.5KE180A
1.5KE180CA
154.0
171.00
189.00
1
246.0
6.10
5
1.5KE200
1.5KE200C
162.0
180.00
220.00
1
287.0
5.23
5
1.5KE200A
1.5KE200CA
171.0
190.00
210.00
1
274.0
5.47
5
1.5KE220
1.5KE220C
175.0
198.00
242.00
1
344.0
4.36
5
1.5KE220A
1.5KE220CA
185.0
209.00
231.00
1
328.0
4.57
5
1.5KE250
1.5KE250C
202.0
225.00
275.00
1
360.0
4.17
5
1.5KE250A
1.5KE250CA
214.0
237.50
262.50
1
344.0
4.36
5
1.5KE300
1.5KE300C
243.0
270.00
330.00
1
430.0
3.49
5
1.5KE300A
1.5KE300CA
256.0
285.00
315.00
1
414.0
3.62
5
1.5KE350
1.5KE350C
284.0
315.00
385.00
1
504.0
2.98
5
1.5KE350A
1.5KE350CA
299.3
332.50
367.50
1
482.0
3.11
5
1.5KE380
1.5KE380C
308.6
342.00
418.00
1
547.2
2.74
5
1.5KE380A
1.5KE380CA
324.9
361.00
399.00
1
524.4
2.86
5
1.5KE400
1.5KE400C
324.8
360.00
440.00
1
576.0
2.60
5
1.5KE400A
1.5KE400CA
342.0
380.00
420.00
1
552.0
2.72
5
1.5KE440
1.5KE440C
357.3
396.00
484.00
1
633.6
2.37
5
1.5KE440A
1.5KE440CA
376.2
418.00
462.00
1
607.2
2.47
5
1.5KE500
1.5KE500C
406.0
450.00
550.00
1
720.0
2.08
5
1.5KE500A
1.5KE500CA
427.5
475.00
525.00
1
690.0
2.17
5
1.5KE520
1.5KE520C
422.2
468.00
572.00
1
748.8
2.00
5
1.5KE520A
1.5KE520CA
444.6
494.00
546.00
1
717.6
2.09
5
1.5KE550
1.5KE550C
446.6
495.00
605.00
1
792.0
1.89
5
1.5KE550A
1.5KE550CA
470.3
522.50
577.50
1
759.0
1.98
5
1.5KE600
1.5KE600C
487.2
540.00
660.00
1
864.0
1.74
5
1.5KE600A
1.5KE600CA
513.0
570.00
630.00
1
828.0
1.81
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics
(TA=25℃ unless otherwise noted) (Continue)


Similar Part No. - 1.5KE43A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE43A TRSYS-1.5KE43A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE43A DIGITRON-1.5KE43A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
UNIOHM CORPORATION
1.5KE43A UNIOHM-1.5KE43A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
First Silicon Co., Ltd
1.5KE43A FS-1.5KE43A Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Diodes Incorporated
1.5KE43A DIODES-1.5KE43A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE43A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
SA5.0 SOCAY-SA5.0 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com