Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78D08AAG-TN3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78D08AAG-TN3-T
Description  3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D08AAG-TN3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  78D08AAG-TN3-T Datasheet HTML 1Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 2Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 3Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 4Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 5Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 6Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 7Page - Unisonic Technologies 78D08AAG-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
78DXXAA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R101-043.B
ELECTRICAL CHARACTERISTICS(Cont.)
For 78D15AA
(VIN =23V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Output Voltage
VOUT
IOUT =5mA~1.0A
14.40 15.0
15.6
V
VIN =17.5~30V, IOUT =5mA~1.0A
14.25
15.75
V
Load Regulation
VOUT
IOUT =5mA~1.5A
150
mV
IOUT =0.25A~0.75A
75
mV
Line Regulation
VOUT
VIN =18.5~30V
150
mV
VIN =17.7~30V, IOUT =1.0A
150
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =17.5~30V
1.0
mA
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Temperature coefficient of VOUT
VOUT/TIOUT =5mA
-1.8
mV/
C
Ripple Rejection
RR
VIN =18.5~28.5V,f=120Hz
54
70
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D18AA
(VIN =27V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~1.0A
17.28 18.0 18.72
V
VIN =21~33V, IOUT=5mA~1.0A
17.1
18.9
V
Load Regulation
VOUT
IOUT=5mA~1.5A
180
mV
IOUT=0.25A~0.75A
90
mV
Line Regulation
VOUT
VIN =21~33V
180
mV
VIN =21~33V, IOUT =1.0A
180
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =21.5~33V
1.0
mA
IOUT=5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Temperature coefficient of VOUT
VOUT/TIOUT =5mA
-2.2
mV/
C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V


Similar Part No. - 78D08AAG-TN3-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78D08 ETC-78D08 Datasheet
59Kb / 6P
   LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Foshan Blue Rocket Elec...
78D08 FOSHAN-78D08 Datasheet
1Mb / 6P
   Voltage Regulator in a TO-252 Plastic Package
logo
Guangdong Youtai Semico...
78D08 UMW-78D08 Datasheet
520Kb / 9P
   The 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
78D08 UMW-78D08 Datasheet
520Kb / 9P
   DescriptionThe 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
78D08 UMW-78D08 Datasheet
520Kb / 9P
   The 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
More results

Similar Description - 78D08AAG-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXAA UTC-78DXXAA Datasheet
355Kb / 8P
   3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA_09 Datasheet
205Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA_1109 UTC-78DXXA_1109 Datasheet
200Kb / 8P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
   3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com