Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79D09AL-TM3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 79D09AL-TM3-T
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79D09AL-TM3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  79D09AL-TM3-T Datasheet HTML 1Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 2Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 3Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 4Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 5Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 6Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 7Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 8Page - Unisonic Technologies 79D09AL-TM3-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
79DXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R101-039.D
ABSOLUTE MAXIMUM RATINGS (TA=25C)
PARAMETER
SYMBOL
RATING
UNIT
Input Voltage
VIN
-35
V
Output Current
IOUT
1
A
Power Dissipation
PD
Internally Limited
W
Operating Temperature
TOPR
0 ~ +125
C
Storage Temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
112
C/W
Junction to Case
θJC
12.5
C/W
ELECTRICAL CHARACTERISTICS
(IOUT=0.5A, TJ=0C~125C, CI=2.2uF, CO=1uF, unless otherwise specified)
For UTC 79D05A
(VIN=-10V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C -4.80
-5.0
-5.20
V
VIN=-7V~-20V
IOUT=5mA~1A, PD≦15W
-4.75
-5.25
V
Dropout Voltage
VD
IOUT=1A
TJ=25C
2
V
Line Regulation
 VOUT
VIN=-7V~-25V
TJ=25C
10
100
mV
VIN=-8V~-12V
TJ=25C
5
60
mV
Load Regulation
 VOUT
IOUT=5mA~1A
TJ=25C
10
100
mV
IOUT=250mA~750mA
TJ=25C
3
50
mV
Quiescent Current
IQ
TJ=25C
3
6
mA
Quiescent Current Change
IQ
IOUT=5mA~1A
0.05
0.5
mA
VIN=-7V~-25V
0.1
1.3
mA
Output Noise Voltage
eN
f=10Hz~100kHz
TA=25C
100
V
Output Voltage Drift
 VOUT/TIOUT=5mA
-0.4
mV/
C
Ripple Rejection
RR
VIN=-8V~-18V, f=120Hz
54
60
dB
Peak Current
IPEAK
TJ=25C
2.2
A
For UTC 79D06A
(VIN=-11V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C -5.76
-6.00
-6.24
V
VIN=-8V~-21V,
IOUT=5mA~1A, PD≦15W
-5.70
-6.30
V
Dropout Voltage
VD
IOUT=1.0A
TJ=25C
2
V
Line Regulation
VOUT
VIN=-8V~-25V
TJ=25C
10
120
mV
VIN=-9V~-13V
TJ=25C
5
60
mV
Load Regulation
VOUT
IOUT=5mA~1A
TJ=25C
10
120
mV
IOUT=250mA~750mA
TJ=25C
3
60
mV
Quiescent Current
IQ
TJ=25C
3
6
mA
Quiescent Current Change
IQ
IOUT=5mA~1A
0.05
0.5
mA
VIN=-8V~-25V
0.1
1.3
mA
Output Noise Voltage
eN
f=10Hz~100kHz
TA=25C
130
V


Similar Part No. - 79D09AL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79D09AL-TM3-T UTC-79D09AL-TM3-T Datasheet
220Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79D09AL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com