Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68100 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 68100
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68100 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 68100 Datasheet HTML 2Page - Tyco Electronics 68100 Datasheet HTML 3Page - Tyco Electronics 68100 Datasheet HTML 4Page - Tyco Electronics 68100 Datasheet HTML 5Page - Tyco Electronics 68100 Datasheet HTML 6Page - Tyco Electronics 68100 Datasheet HTML 7Page - Tyco Electronics 68100 Datasheet HTML 8Page - Tyco Electronics 68100 Datasheet HTML 9Page - Tyco Electronics 68100 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Catalog 82020
Revised 11-02
Ring Tongue Terminals (Continued)
6
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Wire Size Range:
Aluminum – AWG 4 to 500 MCM
[21 to 253 mm2], CMA 33,100 to 600,000
Tongue
Dimensions
Part Numbers
Wire Size
Thickness
Stud
Heads for
Heads & Die Inserts
[mm2]
Max.
Size
W
L
E
R
Pneumatic Tools*
for Power Unit 69120*
Terminal
Circular Mils
Max.
Max.
Max.
69015
68068
Head
Die Insert
10
.531
1.630
1.362
.625
68038
68045
1
50717-1
13.49
41.4
34.59
15.88
69099
68086
1/4
.531
1.630
1.362
.625
68038
68045
1
50717-1
M6
13.49
41.4
34.59
15.88
69099
68086
4
5/16
.531
1.630
1.362
.625
68038
68045
1
50717-1
.060
M8
13.49
41.4
34.59
15.88
69099
68086
[21]
1.52
3/8
.675
1.702
1.362
.625
68038
68045
1
50717-3
33100-52600
17.15
43.23
34.59
15.88
69099
68086
1/2
.675
1.702
1.362
.625
68038
68045
1
50717-5
17.15
43.23
34.59
15.88
69099
68086
10MM
.675
1.702
1.362
.625
68038
68045
184082-1
17.15
43.23
34.59
15.88
69099
68086
1/4
.675
1.859
1.541
.625
68046
1
51982-1
M6
17.15
47.22
39.14
15.88
69099
68130
5/16
.675
1.859
1.541
.625
68046
1
51982-1
2
M8
17.15
47.22
39.14
15.88
69099
68130
[35]
.060
3/8
.675
1.859
1.541
.625
68046
151982-2
52600-83700
1.52
17.15
47.22
39.14
15.88
69099
68130
1/2
.807
1.925
1.541
.625
68046
1
51982-3
20.5
48.9
39.14
15.88
69099
68130
10MM
.807
1.925
1.541
.625
68046
184084-1
20.49
48.89
39.14
15.88
69099
68130
1/4
.675
1.859
1.541
.625
68047
1
51986-1
M6
17.15
47.22
39.14
15.88
69099
68131
5/16
.675
1.859
1.541
.625
68047
1
51986-1
1/0
M8
17.15
47.22
39.14
15.88
69099
68131
[50]
.073
3/8
.675
1.859
1.541
.625
68047
151986-2
83700-119500
1.85
17.15
47.22
39.14
15.88
69099
68131
1/2
.807
1.925
1.541
.625
68047
1
51986-3
20.5
48.9
39.14
15.88
69099
68131
10MM
.807
1.925
1.541
.625
68047
184087-1
20.49
48.89
39.14
15.88
69099
68131
5/16
.926
1.930
1.560
.625
68048
1
51989-1
M8
23.52
49.02
39.62
15.88
69099
68132
2/0
3/8
.926
1.930
1.560
.625
68048
1
51989-2
[70]
.083
23.52
49.02
39.62
15.88
69099
68132
119500-150500
2.11
1/2
.926
1.930
1.560
.625
68048
1
51989-3
23.52
49.02
39.62
15.88
69099
68132
10MM
.926
1.930
1.560
.625
68048
184090-1
23.52
49.02
39.62
15.88
69099
68132
7/16
1.020
2.112
1.645
.625
68049
1
51992-2
3/0
25.91
53.64
41.66
15.88
69099
68133
[85]
.094
1/2
1.020
2.112
1.645
.625
68049
1
51992-3
150500-190000
2.39
25.91
53.64
41.66
15.88
69099
68133
10MM
1.020
2.112
1.645
.625
68046
184092-1
25.91
53.64
41.66
15.88
69099
68130
1/2
1.087
2.178
1.676
.625
69099
318106-1
1
51995-2
4/0
27.61
55.32
42.57
15.88
69082
68050
[105]
.105
68129
190000-231000
2.67
69099
10MM
1.087
2.178
1.676
.625
318106-1
184094-1
27.61
55.32
42.57
15.88
69082
68050
68129
250 MCM
.130
1/2
1.426
2.602
1.987
.625
69082
1
52559-4
[127]
3.30
M12
36.22
66.09
50.47
15.88
68034
23100-300000
300 MCM
.140
1/2
1.535
2.671
2.056
.625
1
52558-4
[152]
3.56
M12
38.99
67.84
52.22
15.88
69082
68035
300000-380000
400 MCM
.158
1/2
1.738
2.790
2.175
.625
1
52568-4
[203]
4.01
M12
44.15
70.87
55.25
15.88
69082
68036
380000-478000
500 MCM
.182
1/2
2.004
3.187
2.447
.750
1
52569-4
[253]
4.62
M12
50.9
80.95
62.15
19.05
69082
68037
478000-600000
*First (top) part numbers denote bar crimp tooling. Second (bottom) part numbers denote insulation piercing crimp tooling.


Similar Part No. - 68100

ManufacturerPart #DatasheetDescription
logo
Lapp.
68100050 LAPP-68100050 Datasheet
95Kb / 1P
   SILVYN® FLEXILOK PG
03.07.2018
68100055 LAPP-68100055 Datasheet
95Kb / 1P
   SILVYN® FLEXILOK PG
03.07.2018
68100060 LAPP-68100060 Datasheet
95Kb / 1P
   SILVYN® FLEXILOK PG
03.07.2018
68100065 LAPP-68100065 Datasheet
95Kb / 1P
   SILVYN® FLEXILOK PG
03.07.2018
68100070 LAPP-68100070 Datasheet
95Kb / 1P
   SILVYN® FLEXILOK PG
03.07.2018
More results

Similar Description - 68100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com