Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F111PF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F111PF
Description  RENESAS MCU
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F111PF Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F111PF Datasheet HTML 1Page - Renesas Technology Corp R5F111PF Datasheet HTML 2Page - Renesas Technology Corp R5F111PF Datasheet HTML 3Page - Renesas Technology Corp R5F111PF Datasheet HTML 4Page - Renesas Technology Corp R5F111PF Datasheet HTML 5Page - Renesas Technology Corp R5F111PF Datasheet HTML 6Page - Renesas Technology Corp R5F111PF Datasheet HTML 7Page - Renesas Technology Corp R5F111PF Datasheet HTML 8Page - Renesas Technology Corp R5F111PF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
R01DS0192EJ0200 Rev. 2.00
Page 1 of 149
Feb 21, 2014
RL78/L1C
RENESAS MCU
Integrated LCD controller/driver, 12-bit resolution A/D Converter, USB 2.0 controller (function), True Low Power Platform (as low as 112.5
A/MHz, and 0.68 A for RTC2 + LVD), 1.6 V to 3.6 V operation, 64 to 256 Kbyte Flash, 33 DMIPS at 24 MHz, for All LCD Based Applications
Datasheet
1. OUTLINE
1.1
Features
Ultra-Low Power Technology
• 1.6 V to 3.6 V operation from a single supply
• Stop (RAM retained): 0.25
A, (LVD enabled):
0.31
A
• Halt (RTC2 + LVD): 0.68
A
• Supports snooze
• Operating: 112.5
A/MHz
16-bit RL78 CPU Core
• Delivers 33 DMIPS at maximum operating frequency of 24 MHz
• Instruction Execution: 86% of instructions can be executed in 1 to 2
clock cycles
• CISC Architecture (Harvard) with 3-stage pipeline
• Multiply Signed & Unsigned: 16
 16 to 32-bit result in 1 clock cycle
• MAC: 16
 16 to 32-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 1 clock cycle
• 1-wire on-chip debug function
Code Flash Memory
• Density: 64 to 256 KB
• Block size: 1 KB
• On-chip single voltage flash memory with protection from block
erase/writing
• Self-programming with secure boot swap function and flash shield
window function
Data Flash Memory
• Data Flash with background operation
• Data flash size: 8 KB
• Erase Cycles: 1 Million (typ.)
• Erase/programming voltage: 1.8 V to 3.6 V
RAM
• 8 KB to 16 KB size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed On-chip Oscillator
• 24 MHz with +/- 1% accuracy over voltage (1.8 V to 3.6 V) and
temperature (-20°C to +85°C)
• Pre-configured settings: 48 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz,
6 MHz, 4 MHz, 3 MHz, 2 MHz, 1 MHz (TYP.)
• 48 MHz for USB, 48 MHz for timer KB2
Reset and Supply Management
• Power-on reset (POR) monitor/generator
• Low voltage detection (LVD) with 12 setting options (Interrupt and/or
reset function)
LCD Controller/Driver
• Up to 56 seg
 4 com or 52 seg  8 com
• Supports capacitor split method, internal voltage boost method and
resistance division method
• Supports waveform types A and B
• Supports LCD contrast adjustment (18 steps)
• Supports LCD blinking
USB
• Complying with USB 2.0
• Corresponding to full-speed transfer (12 Mbps) and low-speed
(1.5 Mbps)
• Complying with Battery Charging Specification Revision 1.2
• Supports USB function controller
Data Transfer Controller (DTC)
• 33 sources & 24 different settings
• Transfer data: 8 bits/16 bits
• Normal mode and repeat mode
Event Link Controller (ELC)
• Reduce interrupt intervention
• Link 31 events to specified peripheral function
Multiple Communication Interfaces
•Up to 4
 I2C master
•Up to 1
 I2C multi-master
•Up to 4
 CSI (7-, 8-bit)
•Up to 4
 UART (7-, 8-, 9-bit)
•Up to 1
 LIN
Extended-Function Timers
• Multi-function 16-bit timer TAU: Up to 8 channels (remote control
output available)
• Multi-function 16-bit timer KB2: 3 channels
• Real-time clock 2 (RTC2): 1 channel (full calendar and alarm function
with watch correction function)
• 12-bit interval timer: 1 channel
• 15 kHz watchdog timer: 1 channel (window function)
Rich Analog
• ADC: Up to 13 channels, 8/12-bit resolution, 3.375
s minimum
conversion time
• Supports 1.6 V
• D/A converter: 2 channels, 8-bit resolution
•2
 window comparators, with ELC connection
• Internal voltage reference (1.45 V)
• On-chip temperature sensor
Safety Features (IEC or UL 60730 compliance)
• Flash memory CRC calculation
• RAM parity error check
• RAM write protection
• SFR write protection
• Illegal memory access detection
• Clock stop/ frequency detection
• ADC self-test
• I/O port read back function (echo)
General Purpose I/O
• High-current (up to 20 mA per pin)
• Open-Drain, Internal Pull-up support
Operating Ambient Temperature
•TA: -40 to +85 °C (A: Consumer applications)
•TA: -40 to +105 °C (G: Industrial applications)
Package Type and Pin Count
• 80-pin plastic LFQFP (12
 12 mm, 0.5 mm pitch)
• 85-pin plastic VFLGA (7
 7 mm, 0.65 mm pitch)
• 100-pin plastic LFQFP (14
 14 mm, 0.5 mm pitch)
R01DS0192EJ0200
Rev. 2.00
Feb 21, 2014


Similar Part No. - R5F111PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F111PF RENESAS-R5F111PF Datasheet
153Kb / 17P
   PG-FP5
R5F111PFA RENESAS-R5F111PFA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F111PFG RENESAS-R5F111PFG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
More results

Similar Description - R5F111PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com