Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78T10AAG-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 78T10AAG-TQ2-R
Description  3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78T10AAG-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  78T10AAG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 78T10AAG-TQ2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
78TXXAA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R101-044.A
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-263
05:
06:
07:
08:
09:
10:
12:
15:
18:
24:
5.0 V
6.0 V
7.0 V
8.0 V
9.0 V
1.0 V
1.2 V
1.5 V
1.8 V
2.4 V
BLOCK DIAGRAM


Similar Part No. - 78T10AAG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78T10AG-TQ2-R UTC-78T10AG-TQ2-R Datasheet
245Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T10AG-TQ2-T UTC-78T10AG-TQ2-T Datasheet
245Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T10AG-TQ3-R UTC-78T10AG-TQ3-R Datasheet
245Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T10AG-TQ3-T UTC-78T10AG-TQ3-T Datasheet
245Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T10AL-TQ2-R UTC-78T10AL-TQ2-R Datasheet
245Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78T10AAG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317 GTM-GLLM317 Datasheet
311Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
logo
GTM CORPORATION
GJLM317 GTM-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com