Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

378R33 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 378R33
Description  4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

378R33 Datasheet(HTML) 5 Page - Unisonic Technologies

  378R33 Datasheet HTML 1Page - Unisonic Technologies 378R33 Datasheet HTML 2Page - Unisonic Technologies 378R33 Datasheet HTML 3Page - Unisonic Technologies 378R33 Datasheet HTML 4Page - Unisonic Technologies 378R33 Datasheet HTML 5Page - Unisonic Technologies 378R33 Datasheet HTML 6Page - Unisonic Technologies 378R33 Datasheet HTML 7Page - Unisonic Technologies 378R33 Datasheet HTML 8Page - Unisonic Technologies 378R33 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
378RXX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R102-049.a
ELECTRICAL CHARACTERISTICS (Cont.)
For 378R06 (VIN=8V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
5.85
6.0
6.15
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=7~15V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA
For 378R08 (VIN=10V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
7.80
8.0
8.20
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=9~25V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA
For 378R09 (VIN=15V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VO
8.78
9.0
9.22
V
Load Regulation
Reg Load
IO=5mA~3A
0.1
2.0
%
Line Regulation
Reg Line
VIN=10~25V
0.5
2.5
%
Temperature Coefficient of Output Voltage
TC VO
TJ=0~125°C
±
0.02 ±0.05
%/°C
Ripple Rejection
R·R
45
55
dB
Drop Out Voltage (Note)
VD
IO=3A
0.8
V
Output ON State for Control Voltage
VC(ON)
2.0
V
Output ON State for Control Current
IC(ON)
VC=2.7V
20
μA
Output OFF State for Control Voltage
VC(OFF)
0.8
V
Output OFF State for Control Current
IC(OFF)
VC=0.4V
-0.4
mA
Quiescent Current
IQ
IO=0
10
mA


Similar Part No. - 378R33

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
378R33G-TF4-T UTC-378R33G-TF4-T Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
378R33L-TF4-T UTC-378R33L-TF4-T Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results

Similar Description - 378R33

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
278RXX UTC-278RXX Datasheet
257Kb / 8P
   4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
278R05 UTC-278R05 Datasheet
319Kb / 8P
   4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
logo
KEC(Korea Electronics)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com