Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU931L-T3P-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU931L-T3P-T
Description  NPN POWER DARLINGTON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU931L-T3P-T Datasheet(HTML) 2 Page - Unisonic Technologies

  BU931L-T3P-T Datasheet HTML 1Page - Unisonic Technologies BU931L-T3P-T Datasheet HTML 2Page - Unisonic Technologies BU931L-T3P-T Datasheet HTML 3Page - Unisonic Technologies BU931L-T3P-T Datasheet HTML 4Page - Unisonic Technologies BU931L-T3P-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BU931
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R214-012,E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage (VBE=0)
VCES
500
V
Collector-Emitter Voltage (IB=0)
VCEO
400
V
Emitter-Base Voltage (IC=0)
VEBO
5
V
Collector Current
IC
15
A
Collector Peak Current
ICM
30
A
Base Current
IB
1
A
Base Peak Current
IBM
5
A
Power Dissipation (TC=25°C)
TO-3P
PD
135
W
TO-263
125
W
Junction Temperature
TJ
+200
°C
Storage Temperature
TSTG
-65 ~ +200
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Case
TO-3P
θJC
1.1
°C/W
TO-263
1.2
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cut-off Current (IB=0)
ICEO
VCE = 450 V
100
μA
VCE =450V, TJ =125°C
0.5
mA
Emitter Cut-off Current (IC=0)
IEBO
VEB = 5V
20
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC = 7A, IB =70mA
1.6
V
IC = 8A, IB =100mA
1.8
V
IC = 10A, IB =250mA
1.8
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC = 7A, IB =70mA
2.2
V
IC = 8A, IB =100mA
2.4
V
IC = 10A, IB =250mA
2.5
V
DC Current Gain
hFE
IC = 5A, VCE =10V
300
Diode Forward Voltage
VF
IF = 10 A
2.5
V
Functional Test
VCC =24V, Vclamp =400V
L=7mH
8
A
Inductive Load Storage Time / Fall Time
tS
tF
VCC = 12V, Vclamp =300V
L=7mH
IC =7A, IB =70mA
VBE =0, RBE =47Ω
15
0.5
μs
μs
Note: Pulsed: Pulse duration = 300μs, duty cycle 1.5 %


Similar Part No. - BU931L-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU931L-T3P-T UTC-BU931L-T3P-T Datasheet
79Kb / 2P
   NPN POWER DARLINGTON
BU931L-T3P-T UTC-BU931L-T3P-T Datasheet
121Kb / 5P
   NPN POWER DARLINGTON
More results

Similar Description - BU931L-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU931 UTC-BU931 Datasheet
109Kb / 5P
   NPN POWER DARLINGTON
logo
Microsemi Corporation
2N6300 MICROSEMI-2N6300_1 Datasheet
133Kb / 3P
   NPN DARLINGTON POWER
logo
Unisonic Technologies
BU931Z UTC-BU931Z_15 Datasheet
119Kb / 3P
   NPN POWER DARLINGTON
logo
STMicroelectronics
BU921ZP STMICROELECTRONICS-BU921ZP Datasheet
98Kb / 2P
   NPN POWER DARLINGTON
logo
Unisonic Technologies
BU931 UTC-BU931_09 Datasheet
135Kb / 5P
   NPN POWER DARLINGTON
logo
New Jersey Semi-Conduct...
2N6351 NJSEMI-2N6351 Datasheet
224Kb / 1P
   NPN POWER DARLINGTON
logo
Unisonic Technologies
BU931Z UTC-BU931Z_10 Datasheet
103Kb / 2P
   NPN POWER DARLINGTON
BU931Z UTC-BU931Z Datasheet
79Kb / 2P
   NPN POWER DARLINGTON
BU931 UTC-BU931_15 Datasheet
121Kb / 5P
   NPN POWER DARLINGTON
logo
ON Semiconductor
BU806 ONSEMI-BU806 Datasheet
48Kb / 4P
   NPN Darlington Power Transistor
March, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com