Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TBBDFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F563TBBDFP
Description  MPU/MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBBDFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F563TBBDFP Datasheet HTML 7Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 8Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 9Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 10Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 11Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 12Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 13Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 14Page - Renesas Technology Corp R5F563TBBDFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RENESAS TECHNICAL UPDATE TN-RX*-A086A/E
Date: Jan. 30, 2014
Page 11 of 16
Page 191
Correct a description in ‘Table 6.1 List of I/O Registers (Address Order) (56/56)’.
ICLK > PCLK
ICLK < PCLK
000C30AEh
DPC
Overvoltage Output
Error Judgment
Threshold Setting
Register 3
ERRVTH3
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C30B2h
DPC
PWM Shut-Down at
Overvoltage Output
Error Setting Register
ERRDWN
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
DPC
Address
Module
Symbol
Register Name
Register
Symbol
Remarks
Number
of bits
Access
size
Number of Access States
Module
Name
Reference
Page
Page 525
Correct a description in ‘Table 21.6 Register Settings for Input/Output Pin Function in 144-Pin LQFP’.
PSEL[4:0]Settings
Pin
P10
P11
P12
P13
P14
00000b (initial value)
Hi-Z
00010b
MTCLKD
MTCLKC
01010b
CTS2# RTS2#
SS2#
SCK2
10001b
USB0_DPRPD USB0_VBUSEN —
Page 525
Correct a description in ‘Table 21.9 Register Settings for Input/Output Pin Function in 64-Pin LQFP’.
PSEL[3:0] Settings
Pin
P10
P11
0000b (initial value)
Hi-Z
0010b
MTCLKD
MTCLKC


Similar Part No. - R5F563TBBDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TBBDFP RENESAS-R5F563TBBDFP Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
R5F563TBBDFP#V0 RENESAS-R5F563TBBDFP#V0 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
R5F563TBBDFP#V1 RENESAS-R5F563TBBDFP#V1 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
More results

Similar Description - R5F563TBBDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com