Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TCEDFH Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F563TCEDFH
Description  MPU/MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TCEDFH Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F563TCEDFH Datasheet HTML 3Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 4Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 5Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 6Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 7Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 8Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 9Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 10Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RENESAS TECHNICAL UPDATE TN-RX*-A086A/E
Date: Jan. 30, 2014
Page 7 of 16
It should be:
On-chip
ROM
On-chip
RAM
Operating
Operating
Group
Part No.
Order Part No.
Package
Capacity
Capacity
Option
Voltage
Temperature
RX63T
R5F563TBBGFB
R5F563TBBGFB#V1
PLQP0144KA-A
256 Kbytes
24 Kbytes
CAN module
included
VCC/
PLLVCC/
VCC_USB
2.7 to 3.6V
AVCC/
AVCC0 3.0 to
3.6V or
4.0 to 5.5V
-40 to +105°C
(G Version)*1
R5F563TBBGFA
R5F563TBBGFA#V1
PLQP0120KA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFH
R5F563TBBGFH#V1
PLQP0112JA-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563TBBGFP
R5F563TBBGFP#V1
PLQP0100KB-A
256 Kbytes
24 Kbytes
CAN module
included
R5F563T6EGFM
R5F563T6EGFM#V0
PLQP0064KB-A
64 Kbytes
8 Kbytes
CAN module
not included
VCC/
PLLVCC
2.7 to 3.6V
AVCC0 3.0 to
3.6V
R5F563T5EGFM
R5F563T5EGFM#V0
PLQP0064KB-A
48 Kbytes
8 Kbytes
CAN module
not included
R5F563T4EGFM
R5F563T4EGFM#V0
PLQP0064KB-A
32 Kbytes
8 Kbytes
CAN module
not included
R5F563T6EGFL
R5F563T6EGFL#V0
PLQP0048KB-A
64 Kbytes
8 Kbytes
CAN module
not included
R5F563T5EGFL
R5F563T5EGFL#V0
PLQP0048KB-A
48 Kbytes
8 Kbytes
CAN module
not included
R5F563T4EGFL
R5F563T4EGFL#V0
PLQP0048KB-A
32 Kbytes
8 Kbytes
CAN module
not included
Note: Orderable part numbers are current as of when this manual was published. Please make sure to refer to the relevant
product page on the Renesas website for the latest part numbers.
Note: The products with the product ID code 1 (ex. R5F563TEADFB#V1) are the revised version to the specification constraints
of technical update TX-RX*-A84A / E described.
Note 1. Please contact Renesas Electronics sales office for derating of operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for the sake of improved reliability.


Similar Part No. - R5F563TCEDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TCEDFH RENESAS-R5F563TCEDFH Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
R5F563TCEDFH#V0 RENESAS-R5F563TCEDFH#V0 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
More results

Similar Description - R5F563TCEDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com