Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563TCEDFH Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F563TCEDFH
Description  MPU/MCU
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TCEDFH Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F563TCEDFH Datasheet HTML 6Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 7Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 8Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 9Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 10Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 11Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 12Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 13Page - Renesas Technology Corp R5F563TCEDFH Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RENESAS TECHNICAL UPDATE TN-RX*-A086A/E
Date: Jan. 30, 2014
Page 10 of 16
Page 190
Correct a description in ‘Table 6.1 List of I/O Registers (Address Order) (55/56)’.
ICLK > PCLK
ICLK < PCLK
000C305Eh
DPC
Control Calculation
Parameter Setting
Register KP3
PARAMKP3
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3062h
DPC
Control Calculation
Parameter Setting
Register KI3
PARAMKI3
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3066h
DPC
Control Calculation
Parameter Setting
Register KQ3
PARAMKQ3
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C306Ah
DPC
Control Calculation
Parameter Setting
Register KF3
PARAMKF3
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C306Ch
DPC
Control Calculation
Result Higher-Order
Bits Store Register 0
RESULTU0
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C306Eh
DPC
Control Calculation
Result Lower-Order Bits
Store Register 0
RESULTL0
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3070h
DPC
Control Calculation
Result Higher-Order
Bits Store Register 1
RESULTU1
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3072h
DPC
Control Calculation
Result Lower-Order Bits
Store Register 1
RESULTL1
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3074h
DPC
Control Calculation
Result Higher-Order
Bits Store Register 2
RESULTU2
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3076h
DPC
Control Calculation
Result Lower-Order Bits
Store Register 2
RESULTL2
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C3078h
DPC
Control Calculation
Result Higher-Order
Bits Store Register 3
RESULTU3
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C307Ah
DPC
Control Calculation
Result Lower-Order Bits
Store Register 3
RESULTL3
16
16
3 to 5 PCLKA
2, 3 ICLK
1636
Not present in
versions with
64 or 48 pins.
000C307Eh
DPC
Input Code Monitor
Enable Register
TMONEN
16
16
3 to 5 PCLKA
2, 3 ICLK
1637
Not present in
versions with
64 or 48 pins.
000C3082h
DPC
Maximum Input Code
Monitor Register 0
TMONMAX0
16
16
3 to 5 PCLKA
2, 3 ICLK
1637
Not present in
versions with
64 or 48 pins.
000C3086h
DPC
Minimum Input Code
Monitor Register 0
TMONMIN0
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C308Ah
DPC
Maximum Input Code
Monitor Register 1
TMONMAX1
16
16
3 to 5 PCLKA
2, 3 ICLK
1637
Not present in
versions with
64 or 48 pins.
000C308Eh
DPC
Minimum Input Code
Monitor Register 1
TMONMIN1
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C3092h
DPC
Maximum Input Code
Monitor Register 2
TMONMAX2
16
16
3 to 5 PCLKA
2, 3 ICLK
1637
Not present in
versions with
64 or 48 pins.
000C3096h
DPC
Minimum Input Code
Monitor Register 2
TMONMIN2
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C309Ah
DPC
Maximum Input Code
Monitor Register 3
TMONMAX3
16
16
3 to 5 PCLKA
2, 3 ICLK
1637
Not present in
versions with
64 or 48 pins.
000C309Eh
DPC
Minimum Input Code
Monitor Register 3
TMONMIN3
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C30A2h
DPC
Overvoltage Output
Error Judgment
Threshold Setting
Register 0
ERRVTH0
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C30A6h
DPC
Overvoltage Output
Error Judgment
Threshold Setting
Register 1
ERRVTH1
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
000C30AAh
DPC
Overvoltage Output
Error Judgment
Threshold Setting
Register 2
ERRVTH2
16
16
3 to 5 PCLKA
2, 3 ICLK
1638
Not present in
versions with
64 or 48 pins.
DPC
Address
Module
Symbol
Register Name
Register
Symbol
Number
of bits
Access
size
Number of Access States
Module
Name
Reference
Page
Remarks


Similar Part No. - R5F563TCEDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TCEDFH RENESAS-R5F563TCEDFH Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
R5F563TCEDFH#V0 RENESAS-R5F563TCEDFH#V0 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
More results

Similar Description - R5F563TCEDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA091AE RENESAS-TNA091AE Datasheet
173Kb / 10P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com