Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51982 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 51982
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

51982 Datasheet(HTML) 5 Page - Tyco Electronics

  51982 Datasheet HTML 1Page - Tyco Electronics 51982 Datasheet HTML 2Page - Tyco Electronics 51982 Datasheet HTML 3Page - Tyco Electronics 51982 Datasheet HTML 4Page - Tyco Electronics 51982 Datasheet HTML 5Page - Tyco Electronics 51982 Datasheet HTML 6Page - Tyco Electronics 51982 Datasheet HTML 7Page - Tyco Electronics 51982 Datasheet HTML 8Page - Tyco Electronics 51982 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Tongue
Dimensions
Part Numbers
Wire Size
Thickness
Stud
Heads for
[mm2]
Max.
Size
W
L
E
C
Hand
Pneumatic Tools*
Terminal
Circular Mils
Max.
Max.
Min.
Tool*
6-26
68068
16-14
.033
1/4
.531
1.107
.839
.564
68041-
1
52587-1
[1.25]
0.84
M6
13.49
28.12
21.31
14.33
68140-
1
189447-1
68100
2050-5180
6
.375
.835
.645
.302
68042
-
1
68105
51979-
1
M3.5
9.53
21.21
16.38
7.67
68141-1
189444-1
68100, 68101
8
.375
.835
.645
.302
68042
-
1
68105
51979-1
M4
9.53
21.21
16.38
7.67
68141-1
189444-1
68100, 68101
12-10
.042
10
.375
.835
.645
.302
68042
-
1
68105
51979-2
[5.0]
1.07
9.53
21.21
16.38
7.67
68141-1
189444-1
68100, 68101
5180-13100
1/4
.375
.835
.645
.302
68042
-
1
68105
51979-3
M6
9.53
21.21
16.38
7.67
68141-1
189444-1
68100, 68101
1/4
.593
1.173
.874
.531
68042
-
1
68105
52590-1
M6
15.06
29.79
22.2
13.49
68141-1
189444-1
68100, 68101
5/16
.593
1.173
.874
.531
68042
-
1
68105
52590-2
M8
15.06
29.79
22.2
13.49
68141-1
189444-1
68100, 68101
*First (top) part numbers denote bar crimp tooling. Second (bottom) part numbers denote insulation piercing crimp tooling.
Catalog 82020
Revised 11-02
Ring Tongue Terminals
5
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Tongue
Dimensions
Part Numbers
Wire Size
Thickness
Stud
Heads for
Heads & Die Inserts
[mm2]
Max.
Size
W
L
E
R
Pneumatic Tools*
for Power Unit 69120* Terminal
Circular Mils
Max.
Max.
Max.
6-26
69015
68068
Head
Die Insert
10
.500
1.384
1.131
.560
68032
68105
69099
68043
1
50720-1
12.7
35.15
28.73
14.22
1320369-1**
68081
68101, 68192-1
69099
68084
8
1/4
.500
1.384
1.131
.560
68032
68105
69099
68043
1
50720-1
[8.0]
.048
M6
12.7
35.15
28.73
14.22
1320369-1**
68081
68101, 68192-1
69099
68084
13100-20800
1.22
5/16
.625
1.446
1.131
.560
68032
68105
69099
68043
1
50720-2
M8
15.88
36.73
28.73
14.22
1320369-1**
68081
68101, 68192-1
69099
68084
10MM
.625
1.446
1.131
.560
68032
68105
69099
68043
184076-1
15.88
36.73
28.73
14.22
1320369-1**
68081
68101, 68192-1
69099
68084
10
.500
1.415
1.162
.580
69999
68106
69099
68044
1
50719-1
12.7
35.94
29.51
14.73
68082
68102
69099
68085
1/4
.500
1.415
1.162
.580
69999
68106
69099
68044
1
50719-1
M6
12.7
35.94
29.51
14.73
68082
68102
69099
68085
6
.051
5/16
.679
1.504
1.162
.580
69999
68106
69099
68044
150719-2
[14]
1.30
M8
17.25
38.2
29.51
14.73
68082
68102
69099
68085
20800-33100
3/8
.679
1.504
1.162
.580
69999
68106
69099
68044
1
50719-3
17.25
38.2
29.51
14.73
68082
68102
69099
68085
10MM
.679
1.504
1.162
.580
69999
68106
69099
68044
184079-1
17.25
38.20
29.51
14.73
68082
68102
69099
68085
*First (top) part numbers denote bar crimp tooling. Second (bottom) part numbers denote insulation piercing crimp tooling.
**Requires Hand Actuated Power Unit Part No. 189721-2 or Foot Actuated Power Unit Part No. 189722-2.
Wire Size Range:
Aluminum – AWG 16 to 10
[1.25 to 5.0 mm2], CMA 2,050 to 13,100
Wire Size Range:
Aluminum – AWG 8 to 6
[8.0 to 14 mm2], CMA 13,100 to 33,100


Similar Part No. - 51982

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
519803B00000G AAVID-519803B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
519803B00000G AAVID-519803B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 51982

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com