Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI9932 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NI9932
Description  8 Ch, 짹20 mA, 200 kS/s, 16-Bit C Series Analog Current Input Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9932 Datasheet(HTML) 5 Page - National Instruments Corporation

  NI9932 Datasheet HTML 1Page - National Instruments Corporation NI9932 Datasheet HTML 2Page - National Instruments Corporation NI9932 Datasheet HTML 3Page - National Instruments Corporation NI9932 Datasheet HTML 4Page - National Instruments Corporation NI9932 Datasheet HTML 5Page - National Instruments Corporation NI9932 Datasheet HTML 6Page - National Instruments Corporation NI9932 Datasheet HTML 7Page - National Instruments Corporation NI9932 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
www.ni.com
Bipolar
5.5%
Overvoltage protection
±30 V Ch-to-COM max
Sample rate
R Series Expansion chassis
192 kS/s max
All other chassis
200 kS/s max
Conversion time
R Series Expansion chassis
5.2 μs min
All other chassis
5 μs min
Unipolar accuracy
Measurement Conditions
Percent of Reading (Gain Error) Percent of Range (Offset Error)
1
Calibrated max (–40 to 70 °C)
±0.18%
±0.06%
Calibrated typ (25 °C, ±5 °C)
±0.04%
±0.02%
Uncalibrated max (–40 to 70 °C) ±0.66%
±0.54%
Uncalibrated typ (25 °C, ±5 °C)
±0.49%
±0.46%
Bipolar accuracy
Measurement Conditions
Percent of Reading (Gain Error) Percent of Range (Offset Error)
2
Calibrated max (–40 to 70 °C)
±0.20%
±0.09%
Calibrated typ (25 °C, ±5 °C)
±0.05%
±0.02%
Uncalibrated max (–40 to 70 °C) ±0.74%
±0.66%
Uncalibrated typ (25°C, ±5 °C)
±0.54%
±0.55%
Scaling coefficients
Unipolar
330 nA/LSB typ
Bipolar
660 nA/LSB typ
Unipolar stability
Offset drift
63 nA/°C
Gain drift
±14 ppm/°C
Bipolar stability
Offset drift
286 nA/°C
Gain drift
±17 ppm/°C
Input bandwidth (–3 dB)
850 kHz
Input impedance
Resistance
138 Ω
Capacitance
20 pF
Input noise (code-centered)
RMS
1 LSB
rms
Peak-to-peak
7 LSB
No missing codes
16 bits
INL
±3 LSB max
Crosstalk (at 1 kHz)
–100 dB
Settling time (to 2 LSB)
5 μs
MTBF
1,522,814 hours at 25 °C; Bellcore Issue 6, Method 1, Case 3, Limited Part
Stress Method
Note Contact NI for Bellcore MTBF specifications at other temperatures or for MIL-HDBK-217F specifications.


Similar Part No. - NI9932

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9932 NI-NI9932 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9932 NI-NI9932 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NI9932 NI-NI9932 Datasheet
1Mb / 5P
   C Series Analog Output Modules
NI9932 NI-NI9932 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
More results

Similar Description - NI9932

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-5817 ADVANTECH-USB-5817 Datasheet
528Kb / 1P
   8-ch, 16-bit, 200 kS/s Isolated Analog Input USB 3.0 I/O Module
5-Jun-2019
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
   200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
   200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
IDAQ-841 ADVANTECH-IDAQ-841 Datasheet
182Kb / 1P
   8-ch, 16-bit, 1MS/s/ch Analog Input iDAQ Module
8-Feb-2022
IDAQ-817 ADVANTECH-IDAQ-817 Datasheet
404Kb / 1P
   8-ch, 16-bit, 200kS/s, Analog Input iDAQ Module
25-Aug-2021
PCI-1747U ADVANTECH-PCI-1747U Datasheet
557Kb / 1P
   250 kS/s, 16-bit, 64-ch Analog Input Universal PCI Card
PCI-1747U ADVANTECH-PCI-1747U_15 Datasheet
198Kb / 1P
   250 kS/s, 16-bit, 64-ch Analog Input Universal PCI Card
PCI-1741U ADVANTECH-PCI-1741U_15 Datasheet
206Kb / 1P
   200 kS/s, 16-bit, 16-ch Universal PCI Multifunction Card
PCI-1741U ADVANTECH-PCI-1741U Datasheet
748Kb / 2P
   200 kS/s, 16-bit, 16-ch Universal PCI Multifunction Card
PCI-1715U ADVANTECH-PCI-1715U Datasheet
563Kb / 1P
   500 kS/s, 12-bit, 32-ch Isolated Analog 500 kS/s, 12-bit, 32-ch Isolated Analog
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com