Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI7954R Datasheet(PDF) 9 Page - National Instruments Corporation

Part # NIPXI7954R
Description  16-Channel, 50 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI7954R Datasheet(HTML) 9 Page - National Instruments Corporation

Back Button NIPXI7954R Datasheet HTML 5Page - National Instruments Corporation NIPXI7954R Datasheet HTML 6Page - National Instruments Corporation NIPXI7954R Datasheet HTML 7Page - National Instruments Corporation NIPXI7954R Datasheet HTML 8Page - National Instruments Corporation NIPXI7954R Datasheet HTML 9Page - National Instruments Corporation NIPXI7954R Datasheet HTML 10Page - National Instruments Corporation NIPXI7954R Datasheet HTML 11Page - National Instruments Corporation NIPXI7954R Datasheet HTML 12Page - National Instruments Corporation NIPXI7954R Datasheet HTML 13Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
www.ni.com
1.
NI 5751 CLIP Node IO Descriptions
Port Name
Type
Function
ADC Error
A
Boolean When ADC Error A is asserted the width of the sampling window from ADC A has shrunk below its required value, which does not guarantee that the
data can be sampled correctly. This could be caused by a noisy clock source, a damaged ADC, or an incompatible NI FlexRIO FPGA module. ADC
Error A is a sticky bit and is cleared upon reinitialization. 3
ADC Error
B
Boolean When ADC Error B is asserted the width of the sampling window from ADC B has shrunk below its required value, which does not guarantee that the
data can be sampled correctly. This could be caused by a noisy clock source, a damaged ADC, or an incompatible NI FlexRIO FPGA module. ADC
Error B is a sticky bit and is cleared upon reinitialization. 3
PLL
Unlocked
Boolean Indicates that the PLL has become unlocked since the board was initialized. When the PLL is unlocked IO Mod Clock 0 is disabled. When set, PLL
Unlocked is cleared upon reinitialization.
This signal should be inside a single-cycle timed loop with a clock source of the 40 MHz onboard clock.
3
SPI Idle 4
Boolean Indicates the SPI engine is idle and ready for a SPI read or write transaction. This signal should be inside a single-cycle timed loop with a clock source
of the 40 MHz onboard clock.
SPI Device
Select 4
U8
Selects which ADC the SPI port will communicate with. This signal should be inside a single-cycle timed loop with a clock source of the 40 MHz onboard
clock.
SPI
Address 4
U8
The address of the register in the ADC selected. This signal should be inside a single-cycle timed loop with a clock source of the 40 MHz onboard clock.
SPI Write
Data 4
U16
Data to be written to the register in the ADC selected. This signal should be inside a single-cycle timed loop with a clock source of the 40 MHz onboard
clock.
SPI Write 4
Boolean Begin SPI write transaction. The SPI Write signal should be inside a single-cycle timed loop with a clock source of the 40 MHz onboard clock.
Initialization
During initialization, the CLIP does the following:
Resets a PLL in the CLIP that is used to receive data from the ADCs.
Resets the deserialization circuit.
Recalibrates the data delays for capturing the data using dynamic phase alignment.
Aligns the two ADC ICs to each other.
Clears ADC Error
.
X
Manual Initialization
The user FPGA code must manually start initialization in the following instance:
When using DStarA or CLK IN as the ADC sample clock and the frequency of the clock has changed since the last initialization.
To manually start initialization, the user FPGA code must assert Force Initialization.
Note When initialization starts, the Initialization Done signal deasserts within 100 ns. Initialization Done does not assert again until initialization has completed. You can
expect a delay of up to 2 seconds before Initialization Done asserts again, depending on your clock rate. If you read the Initialization Done indicator before it has had
time to deassert (100 ns), you may get a false positive.
Automatic Initialization
The CLIP performs initialization automatically in the following instances:
The FPGA IO is enabled to the NI 5751
The user FPGA code changes the Sample Clock Select signal
FPGA IO is enabled automatically when the CLIP is loaded into the FPGA. You can also programmatically enable and disable the FPGA IO from the host VI. When FPGA IO is
enabled, the CLIP resets all ADC registers.
Caution Do
execute user FPGA code using IO Module Clock 0 until Initialization Done is True. While Initialization Done is False, the clocks are not stable.
not
If the user FPGA code changes the Sample Clock Select signal, the CLIP begins initialization automatically; you do not need to assert Force Initialization.
Note When initialization starts, the Initialization Done signal deasserts within 100 ns. Initialization Done does not assert again until initialization has completed. You can
expect a delay of up to 2 seconds before Initialization Done asserts again, depending on your clock rate. If you read the Initialization Done indicator before it has had
time to deassert (100 ns), you may get a false positive.
Accessing SPI Registers
The ADC register maps are included in the AD9252 datasheet. The following application note found on Analog Devices' Web site contains more information and SPI functionality
for the AD9252: AN-877 Application Note, Interfacing to High Speed ADCs via SPI.
SPI reads from the AD9252 are not supported on the NI 5751. The SPI access does not actually take effect until the software transfer bit (bit 0) of the device_update (offset
register is written.
0xFF)
To access a register in an ADC, complete the following steps:


Similar Part No. - NIPXI7954R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
   Integrated Analog and Digital I/O with FPGA Technology
More results

Similar Description - NIPXI7954R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5761 NI-NI5761 Datasheet
495Kb / 14P
   250 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
NIPXIE-5622 NI-NIPXIE-5622 Datasheet
286Kb / 14P
   150 MS/s, 16-Bit Digitizer for Communications
NI5122 NI-NI5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
NIPXIE-5122 NI-NIPXIE-5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
   4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
logo
Adlink Technology Inc.
PXIE-9834 ADLINK-PXIE-9834 Datasheet
247Kb / 2P
   4CH 16-Bit 80 MS/s PXI Express Digitizer
logo
National Instruments Co...
PCI-5142 NI-PCI-5142 Datasheet
1Mb / 77P
   14-Bit 100 MS/s Digitizer with Onboard Signal Processing
logo
Adlink Technology Inc.
PXIE-9848 ADLINK-PXIE-9848 Datasheet
235Kb / 2P
   8-CH 14-Bit 100 MS/s High-Speed PXI Express Digitizer
logo
National Instruments Co...
PXI-5124 NI-PXI-5124 Datasheet
251Kb / 3P
   150 MHz, 200 MS/s, 12-Bit Digitizer
NIPXI-5142 NI-NIPXI-5142 Datasheet
383Kb / 17P
   100 MS/s, 14-Bit Digitizers for Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com