Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFCDLJ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F564MFCDLJ
Description  MCUs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFCDLJ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F564MFCDLJ Datasheet HTML 7Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 8Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 9Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 10Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 11Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 12Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 13Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 14Page - Renesas Technology Corp R5F564MFCDLJ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
RX64M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0173EJ0090 Rev.0.90
Page 11 of 67
Feb 28, 2014
Table 1.2
Comparison of Functions for Different Packages (1/2)
Functions
RX64M Group
Package
177 Pins, 176 Pins
145 Pins, 144 Pins
100 Pins
External bus
External bus width
32 bits
16 bits
SDRAM area controller
Available
Not supported
DMA
DMA controller
Ch. 0 to 7
Data transfer controller
Available
EXDMA controller
Ch. 0 and 1
Timers
16-bit timer pulse unit
Ch. 0 to 5
Multi-function timer pulse unit 3
Ch. 0 to 8
General-purpose PWM timer
Ch. 0 to 3
Port output enable 3
Available
Programmable pulse generator
Ch. 0 and 1
8-bit timers
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Compare match timer W
Ch. 0 and 1
Realtime clock
Available
Watchdog timer
Available
Independent watchdog timer
Available
Communication
function
Ethernet controller
Ch. 0 and 1
Ch. 0
PTP controller for ethernet controller
Available
DMAC controller for ethernet
Ch. 0 and 1 (ETHERC)
Ch. 2 (EPTPC)
Ch. 0 (ETHERC) and 2 (EPTPC)
USB 2.0 FS host/function module
Ch. 0
USB 2.0 FS host/function module with battery
charging
Available
Not supported
Serial communications interfaces (SCIg)
Ch. 0 to 7
Ch. 0 to 3, 5 and 6
Serial communications interfaces (SCIh)
Ch. 12
Serial communications interfaces with FIFO
Ch. 8 to 11
Ch. 8 and 9
I2C bus interfaces
Ch. 0 and 2
Serial peripheral interface
Ch. 0
CAN module
Ch. 0 to 2
Ch. 0 and 1
Quad serial peripheral interface
Ch. 0
Serial sound interfaces
Ch. 0 and 1
Sampling rate converter
Available
SD host interface
Ch. 0
MMC host interface
Ch. 0
Parallel data capture unit
Available
Not supported
12-bit A/D converter
AN000 to 007 (unit 0: 8 channels)
AN100 to 120 (unit 1: 21 channels)
AN000 to 007
(unit 0: 8 channels)
AN100 to 113
(unit 1: 14
channels)
12-bit D/A converter
Ch. 0 and 1
Ch. 1
Temperature sensor
Available
CRC calculator
Available
Data operation circuit
Available
Clock frequency accuracy measurement circuit
Available
AES
Available


Similar Part No. - R5F564MFCDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F564MFCDLJ RENESAS-R5F564MFCDLJ Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
More results

Similar Description - R5F564MFCDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
640Kb / 25P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com