Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5KE120 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # P5KE120
Description  TRANSIENT VOLTAGE SUPPRESORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

P5KE120 Datasheet(HTML) 1 Page - Digitron Semiconductors

  P5KE120 Datasheet HTML 1Page - Digitron Semiconductors P5KE120 Datasheet HTML 2Page - Digitron Semiconductors P5KE120 Datasheet HTML 3Page - Digitron Semiconductors P5KE120 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
P5KE5.0 – P5KE170A
TRANSIENT VOLTAGE SUPPRESORS
P5KE5.0CA – P5KE170CA
5.0 thru 170 Volts/ 500 Watts
For Bi-directional construction, indicate a C or CA suffix after the part number, i.e. P5KE5.0CA
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Peak Pulse Power Dissipation @ 25°C:
500 Watts
Steady State Power Dissipation:
2.5 Watts @ TL = +75°C
Operating and Storage Temperature:
-55° to +175°C
ELECTRICAL CHARACTERISTICS @ 25°C
Breakdown
Voltage V(BR)
Min.
Max.
Test
Current
IT
Rated Stand
Off Voltage
VWM
Max. Reverse
Standby
Current
ID @ VWM
Max. Peak
Reverse
Voltage
VC Max. @ IPP
Max. Peak
Pulse
Current
IPP
Max. Temp.
Coefficient of V(BR)
-55°C to 175°C
αV(BR)
Part
Number
Volts
Volts
mA
Volts
μ ADC
Volts
Amp
%/°C
P5KE5.0
6.4
7.3
10
5.0
600
9.6
52
.057
P5KE5.0A
6.4
7.0
10
5.0
600
9.2
54.3
.057
P5KE6.0
6.67
8.15
10
6.0
600
11.4
43.9
.059
P5KE6.0A
6.67
7.37
10
6.0
600
10.3
48.5
.059
P5KE6.5
7.22
8.82
10
6.5
400
12.3
40.7
.061
P5KE6.5A
7.22
7.98
10
6.5
400
11.2
44.7
.061
P5KE7.0
7.78
9.51
10
7.0
150
13.3
37.8
.065
P5KE7.0A
7.78
8.60
10
7.0
150
12.0
41.7
.065
P5KE7.5
8.33
10.2
1
7.5
50
14.3
35.0
.067
P5KE7.5A
8.33
9.21
1
7.5
50
12.9
38.8
.067
P5KE8.0
8.89
10.9
1
8.0
25
15.0
33.3
.070
P5KE8.0A
8.89
9.83
1
8.0
25
13.6
36.7
.070
P5KE8.5
9.44
11.5
1
8.5
5
15.9
31.4
.073
P5KE8.5A
9.44
10.4
1
8.5
5
14.4
34.7
.073
P5KE9.0
10.0
12.2
1
9.0
1
16.9
29.5
.076
P5KE9.0A
10.0
11.1
1
9.0
1
15.4
32.5
.076
P5KE10
11.1
13.6
1
10
1
18.8
26.6
.078
P5KE10A
11.1
12.3
1
10
1
17.0
29.4
.078
P5KE11
12.2
14.9
1
11
1
20.1
24.9
.081
P5KE11A
12.2
13.5
1
11
1
18.2
27.4
.081
P5KE12
13.3
16.3
1
12
1
22.0
22.7
.082
P5KE12A
13.3
14.7
1
12
1
19.9
25.1
.082
P5KE13
14.4
17.6
1
13
1
23.8
21.0
.084
P5KE13A
14.4
15.9
1
13
1
21.5
23.2
.084
P5KE14
15.6
19.1
1
14
1
25.8
19.4
.086
P5KE14A
15.6
17.2
1
14
1
23.2
21.5
.086
P5KE15
16.7
20.4
1
15
1
26.9
18.8
.087
P5KE15A
16.7
18.5
1
15
1
24.4
20.6
.087
P5KE16
17.8
21.8
1
16
1
28.8
17.6
.088
P5KE16A
17.8
19.7
1
16
1
26.0
19.2
.088
P5KE17
18.9
23.1
1
17
1
30.5
16.4
.090
P5KE17A
18.9
20.9
1
17
1
27.6
18.1
.090
P5KE18
20.0
24.4
1
18
1
32.2
15.5
.092
P5KE18A
20.0
22.1
1
18
1
29.2
17.2
.092
P5KE20
22.2
27.1
1
20
1
35.8
13.9
.093
P5KE20A
22.2
24.5
1
20
1
32.4
15.4
.093
P5KE22
24.4
29.8
1
22
1
39.4
12.7
.094
P5KE22A
24.4
26.9
1
22
1
35.5
14.1
.094
P5KE24
26.7
32.6
1
24
1
43.0
11.6
.096
sales@digitroncorp.com
fax +1.908.245-0555
www.digitron.com
Rev. 20120710


Similar Part No. - P5KE120

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P5KE120 MCC-P5KE120 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Microsemi Corporation
P5KE120 MICROSEMI-P5KE120 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Micro Commercial Compon...
P5KE120 MCC-P5KE120 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
logo
New Jersey Semi-Conduct...
P5KE120 NJSEMI-P5KE120 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
List of Unclassifed Man...
P5KE120 ETC2-P5KE120 Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P5KE120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TVS305 MICROSEMI-TVS305 Datasheet
143Kb / 4P
   TRANSIENT VOLTAGE SUPPRESORS
logo
ON Semiconductor
NSPM0101 ONSEMI-NSPM0101 Datasheet
62Kb / 4P
   Transient Voltage
April, 2017 ??Rev. 0
1N6267A ONSEMI-1N6267A Datasheet
64Kb / 8P
   1500 Watt MosorbE Zener Transient Voltage Transient Voltage
June, 2002 ??Rev. 5
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com