Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI9227 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NI9227
Description  4-Channel Current Input C Series Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9227 Datasheet(HTML) 6 Page - National Instruments Corporation

  NI9227 Datasheet HTML 1Page - National Instruments Corporation NI9227 Datasheet HTML 2Page - National Instruments Corporation NI9227 Datasheet HTML 3Page - National Instruments Corporation NI9227 Datasheet HTML 4Page - National Instruments Corporation NI9227 Datasheet HTML 5Page - National Instruments Corporation NI9227 Datasheet HTML 6Page - National Instruments Corporation NI9227 Datasheet HTML 7Page - National Instruments Corporation NI9227 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
www.ni.com
Thermal dissipation (at 70 °C) 8
Active mode
1.23 W max
Sleep mode
500 mW max
Physical Characteristics
If you need to clean the module, wipe it with a dry towel.
Note For two-dimensional drawings and three-dimensional models of the C Series module and connectors, visit
and search by module number.
ni.com/dimensions
Screw-terminal wiring
16 to 28 AWG copper conductor wire with 7 mm (0.28 in.) of insulation stripped
from the end
Torque for screw terminals
0.22 to 0.25 N · m (1.95 to 2.21 lb · in.)
Ferrules
0.25 mm to 0.5 mm
2
2
Weight
145 g (5.1 oz)
Safety
Isolation Voltages
Connect only voltages that are within the following limits.
Channel-to-channel
Continuous
250 V
, Measurement Category II
rms
Withstand
1,390 V
, verified by a 5 s dielectric withstand test
rms
Channel-to-earth ground
Continuous
250 V
, Measurement Category II
rms
Withstand
2,300 V
, verified by a 5 s dielectric withstand test
rms
Zone 2 hazardous locations applications
Maximum voltage (channel-to-earth ground and channel-to-channel)
60 VDC, Measurement Category I
Measurement Category I is for measurements performed on circuits not directly connected to the electrical distribution system referred to as
voltage. MAINS is a
MAINS
hazardous live electrical supply system that powers equipment. This category is for measurements of voltages from specially protected secondary circuits. Such voltage
measurements include signal levels, special equipment, limited-energy parts of equipment, circuits powered by regulated low-voltage sources, and electronics.
Caution Do
connect to signals or use for measurements within Measurement Categories II, III, or IV.
not
Measurement Category II is for measurements performed on circuits directly connected to the electrical distribution system. This category refers to local-level electrical
distribution, such as that provided by a standard wall outlet, for example, 115 V for U.S. or 230 V for Europe.
Caution Do
connect to signals or use for measurements within Measurement Categories III or IV.
not
Hazardous Locations
U.S. (UL)
Class I, Division 2, Groups A, B, C, D, T4; Class I, Zone 2, AEx nA IIC T4
Canada (C-UL)
Class I, Division 2, Groups A, B, C, D, T4; Class I, Zone 2, Ex nA IIC T4
Europe (DEMKO)
Ex nA IIC T4
Safety Standards
This product is designed to meet the requirements of the following standards of safety for electrical equipment for measurement, control, and laboratory use:
IEC 61010-1, EN 61010-1
UL 61010-1, CSA 61010-1
Note For UL and other safety certifications, refer to the product label or the
section.
Online Product Certification
Electromagnetic Compatibility
This product is designed to meet the requirements of the following standards of EMC for electrical equipment for measurement, control, and laboratory use:
EN 61326 (IEC 61326): Class A emissions; Industrial immunity
EN 55011 (CISPR 11): Group 1, Class A emissions
AS/NZS CISPR 11: Group 1, Class A emissions
FCC 47 CFR Part 15B: Class A emissions
ICES-001: Class A emissions
Note For the standards applied to assess the EMC of this product, refer to the
section.
Online Product Certification
Note For EMC compliance, operate this device with shielded cables.
CE Compliance
This product meets the essential requirements of applicable European Directives, as amended for CE marking, as follows:
2006/95/EC; Low-Voltage Directive (safety)


Similar Part No. - NI9227

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9221 NI-NI9221 Datasheet
1Mb / 6P
   C Series Digital Output and Relay Modules
NI9221 NI-NI9221 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NI9221 NI-NI9221 Datasheet
1Mb / 5P
   C Series Analog Output Modules
NI9221 NI-NI9221 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
More results

Similar Description - NI9227

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9207 NI-NI9207 Datasheet
263Kb / 8P
   Combination 8-Channel Voltage, 8-Channel Current Input C Series Module
NI9208 NI-NI9208 Datasheet
190Kb / 7P
   16-Channel Current Input Module
NICRIO-9211 NI-NICRIO-9211 Datasheet
322Kb / 9P
   4-Channel, 14 S/s, 24-Bit, 짹80 mV C Series Thermocouple Input Module
logo
WAGO Kontakttechnik Gmb...
750-471 WAGO-750-471 Datasheet
418Kb / 8P
   4-channel analog input; Voltage/Current; Differential input; 16 bits;
logo
NHP Electrical Engineer...
1762-IT4 NHP-1762-IT4 Datasheet
558Kb / 2P
   MicroLogix Expansion Thermocouple/Mv 4-Channel Input Module
6 June 2023,
logo
National Instruments Co...
NI9203 NI-NI9203 Datasheet
408Kb / 8P
   8 Ch, 짹20 mA, 200 kS/s, 16-Bit C Series Analog Current Input Module
logo
Allen-Bradley
1734-IE8C ALLEN-BRADLEY-1734-IE8C Datasheet
1Mb / 14P
   POINT I/O 8 Channel High Density Current Input Module
September 2022
logo
M-System Co.,Ltd.
R3-SSS8N MSYSTEM-R3-SSS8N Datasheet
146Kb / 4P
   Remote I/O R3 Series DC CURRENT INPUT MODULE
R6N-SS2 MSYSTEM-R6N-SS2 Datasheet
130Kb / 3P
   Remote I/O R6 Series DC CURRENT INPUT MODULE
R8-SST8 MSYSTEM-R8-SST8 Datasheet
231Kb / 5P
   Remote I/O R8 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com