Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52749 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 52749
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

52749 Datasheet(HTML) 2 Page - Tyco Electronics

  52749 Datasheet HTML 1Page - Tyco Electronics 52749 Datasheet HTML 2Page - Tyco Electronics 52749 Datasheet HTML 3Page - Tyco Electronics 52749 Datasheet HTML 4Page - Tyco Electronics 52749 Datasheet HTML 5Page - Tyco Electronics 52749 Datasheet HTML 6Page - Tyco Electronics 52749 Datasheet HTML 7Page - Tyco Electronics 52749 Datasheet HTML 8Page - Tyco Electronics 52749 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Catalog 82020
Revised 11-02
2
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Introduction
The Bar Crimp
© Copyright 1972, 1973, 1974, 1984,
1992, 1993,1994 and 2002 by Tyco
Electronics Corporation.
All Rights Reserved.
AMP, AMP FAX, COPALUM,
CERTI-CRIMP, DYNA-CRIMP and TYCO
are trademarks.
The AMP family of COPALUM terminals and splices provides reliable, low cost termina-
tions for both aluminum and copper wire. Stranded, solid, round and rectangular
conductors, individually or in combinations falling within a specified CMA range, can be
terminated in the same wire barrel. Also, the same terminals and splices can be crimped
to either uninsulated wire, using a bar crimp configuration or with the insulation piercing
technique, to film insulated wire. Prestripping of conductors is not required. Because of
this versatility, AMP COPALUM products are finding wide usage wherever aluminum wire
is being used for its weight and cost savings advantages.
COPALUM terminals and splices are available for terminating a broad range of wire sizes:
16 AWG to 500 MCM [1.25 to 253 mm
2] using the bar crimp technique, and 16 to 4/0 AWG
[1.25 to 105 mm
2] using the insulation piercing method. Each product features a copper
body construction and employs a perforated copper alloy liner. This construction, coupled
with the AMP crimp, produces electrically and mechanically stable connections by over-
coming the inherent problems of aluminum oxide penetration and reformation, cold flow,
creep, corrosion and thermal expansion (common in aluminum-to-copper applications).
The bar crimp technique employs the principle of high crimp deformation to achieve
electrically and mechanically reliable terminations. During crimping, the relatively soft alu-
minum conductor is extruded through the liner perforations, breaking brittle aluminum
oxides and allowing clean aluminum metal to be brought into direct contact with the liner
and the wire barrel. Due to the crimp’s tight configuration, reforming of aluminum oxides,
as well as the formation of other corrosive films, is minimized. When crimping standard
conductors, this high deformation breaks up the oxides that surround each individual
strand and brings the strands into direct contact with each other, creating possible inter-
strand bonds or cold welds among strands. Because of the large number of independent
contact surfaces, the total contact area is increased, thus reducing the possibility of
electrical failure due to thermal expansion, creep and corrosion.
The mechanical characteristics of the termination are achieved through a secondary por-
tion of the crimp which reduces, by a predetermined amount, the cross sectional area of
the termination. The reduction is totally independent of the wire type, size and shape as
long as the wire(s) being terminated fall within the appropriate CMA range. Termination
reliability is further enhanced by the fact that inhibitors are not required. Subsequently,
COPALUM terminals and splices using the bar crimp method are highly adaptable for
oil-filled transformer use.
When three or more rectangular conductors are being crimped, they should be inserted
on edge. They should not be inserted to permit the electrical and mechanical crimps to be
positioned across the width of the connector.
Cross Section of
Bar Crimp
Cross Section of
Insulation Piercing Crimp


Similar Part No. - 52749

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5274-04A MOLEX-5274-04A Datasheet
79Kb / 1P
   KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
52745-0497 MOLEX7-52745-0497 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, 4 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52745-0697 MOLEX7-52745-0697 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style6 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52745-0797 MOLEX7-52745-0797 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style7 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52745-0897 MOLEX7-52745-0897 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style8 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
More results

Similar Description - 52749

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com