Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

184092 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 184092
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

184092 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 184092 Datasheet HTML 4Page - Tyco Electronics 184092 Datasheet HTML 5Page - Tyco Electronics 184092 Datasheet HTML 6Page - Tyco Electronics 184092 Datasheet HTML 7Page - Tyco Electronics 184092 Datasheet HTML 8Page - Tyco Electronics 184092 Datasheet HTML 9Page - Tyco Electronics 184092 Datasheet HTML 10Page - Tyco Electronics 184092 Datasheet HTML 11Page - Tyco Electronics 184092 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Catalog 82020
Revised 11-02
Tooling
10
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Manually Operated Tools
These tools are designed
for hand operation and low
volume production work or
where power is not avail-
able. They feature the
CERTI-CRIMP ratchet
device for controlled
compression crimping to
provide uniform termina-
tions consistently.
Pneumatic Tools
Designed for medium
production, these semi-
automatic power tools offer
the convenience of hand
tools plus the effortless
precision and speed of
machines. They are built for
long, rugged service and
are equipped with remov-
able crimping dies for termi-
nating a variety of AMP
products.
DYNA-CRIMP Tools
Power Unit Only (Includes
Pressure Release)
115 Volts — 69120-1
230 Volts — 69120-2
The DYNA-CRIMP Power
Unit can be equipped with
various heads and dies for
terminating COPALUM
products in wire ranges
from AWG 8 to 500 MCM
[8 to 253 mm
2]. A complete
line of accessories is also
available, permitting use in
portable and stationary
applications, as well as for
multi-head crimping.
Heavy Head Hand Tool
6-26 Pneumatic Tool
(See Catalog 124208 for part
numbers and more information.)
Pneumatic Tool
Part No. 69015
Electro-Hydraulic Power Unit
Power Unit
Crimping Head
Part No. 69099
Power Unit
Crimping Head
Part No. 69082
Pneumatic Tool
Part No. 68068 – As shown
Part No. 68068-3 – Foot pedal;
can be
bench
mounted
Accessories for DYNA-CRIMP Tools
Accessory
Description
Power Unit
Part Number
Part Number
1-59907-7
7 ft. [2.13 m] Handle Control Assembly—Hose and Cord
1-59907-5
15 ft. [4.57 m] Handle Control Assembly—Hose and Cord
Pressure
2-59907-1
21 ft. [6.4 m] Handle Control Assembly—Hose and Cord
Release
2-59908-1
21 ft. [6.4 m] Handle Control Assembly—Cord (Less Hose)
on Power
2-59907-8
28 ft. [8.53 m] Handle Control Assembly—Hose and Cord
Unit Only
2-68284-1
15 ft. [4.57 m] Foot Switch Assembly (needs hose assembly)
69120-1
2-59909-3
3 ft. [0.91 m] Hose Assembly
311470-1 Quick Disconnect Coupling
69120-2
2-59909-7
7 ft. [2.13 m] Hose Assembly
(Hose Half) and 68284-1
1-59909-5
15 ft. [4.57 m] Hose Assembly
Foot Switch Assembly needed
2-59909-1
21 ft. [6.4 m] Hose Assembly
with these hose assemblies.
59220
3-way Multi-Directional Valve
For use with
2-59220-2
3-way Multi-Directional Valve (Elec. Control)
Foot Switch
59221
6-way Multi-Directional Valve
only
For additional tooling information call 1-800-522-6752.


Similar Part No. - 184092

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840984 PHOENIX-1840984 Datasheet
94Kb / 4P
   Printed-circuit board connector - MSTBP 2,5/20-ST-5,08BD:1-39
11/05/2018
More results

Similar Description - 184092

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com