Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPCIE-6361 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPCIE-6361
Description  NI X Series Multifunction Data Acquisition
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE-6361 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPCIE-6361 Datasheet HTML 1Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 2Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 3Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 4Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 5Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 6Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 7Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 8Page - National Instruments Corporation NIPCIE-6361 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
www.ni.com
Back to Top
PCI Express and PXI Express X Series devices are compatible with NI-DAQmx Version 9.0 or later driver software. USB X Series devices require NI-DAQmx Version 9.2 or later.
More than a basic driver, NI-DAQmx includes the NI Measurement & Automation Explorer (MAX) configuration utility, the DAQ Assistant for rapid development of basic
applications, and hundreds of example programs for NI LabVIEW and text-based languages. NI-DAQmx also includes LabVIEW SignalExpress LE basic data-logging software.
NI-DAQmx 9.0 introduces the ability to synchronize multiple PCI Express or PXI Express X Series devices with a single NI-DAQmx task, which previously took several tasks and
manual routing of clocks and triggers. This version also introduces the fastest, easiest way to acquire measurement data to disk in the Technical Data Management Streaming
(TDMS) format with the new Configure Logging VI. NI-DAQmx 9.2 introduces the ability to log acquired data to TDMS files within the DAQ Assistant Express VI.
With NI-DAQmx and intuitive LabVIEW graphical programming, you can easily develop applications that take advantage of today's multicore systems so you can perform
acquisition, signal processing, and data logging on different CPU cores.
Simultaneous Sampling X Series
Some X Series devices for USB and PXI Express offer simultaneous sampling, with the same channel counts and connectivity as multiplexed devices.
Unlike multiplexed devices that reduce sampling rates as you add more channels, you can use simultaneous sampling devices to maintain sampling rates as you expand the
number of channels. Simultaneous sampling X Series devices are available with up to 16 differential channels per device, and, with PXI Express, you can sample more than 200
channels simultaneously.
Simultaneous X Series devices for USB include 32 or 64 MS onboard memory to ensure the transfer of finite acquisitions, even in the presence of heavy USB traffic.
Applications
Acquisition and Visualization
X Series devices include analog, digital, and counter circuitry for the most common types of static and waveform measurements. With LabVIEW, you can easily acquire the data
and view it on a variety of graphs and displays. You can use configuration-based wizards called Express VIs to take measurements and perform signal processing with minimal
programming.
Data Logging
Whether you are validating a new hardware design, monitoring conditions on a factory floor, or recording temperature changes during a scientific experiment, you need to take
measurements, visualize your data, and often log it to disk. With X Series multifunction DAQ, you can develop a user-defined measurement system by using intuitive graphical
programming software and incorporating the exact visualization, analysis, and data-logging capabilities your application requires.
Control Systems
If you need to control the temperature of a room, the speed of a motor, or the pressure of hydraulic fluids, you can use X Series DAQ hardware to connect sensors and actuators
to your computer and build the control system that meets your exact application needs. The low-latency PCI Express bus improves single-point I/O performance, and with
LabVIEW software and NI-DAQmx driver software, you can easily take sensor measurements, compare values to a setpoint, and update output signals. X Series devices also
have four counter/timers for performing quadrature encoder measurements, pulse-width modulation, pulse train generation, frequency measurements, and much more, making
them ideal for basic motor control.
Due to the inherent higher latency of USB as compared to PCI Express, National Instruments recommends that you use PCI Express or PXI Express X Series devices for
applications that require single-point control or deterministic operation.
Test Automation
X Series DAQ hardware provides analog inputs, analog outputs, hardware-timed digital I/O, and four counter/timers on a single device, making it a cost-effective option for basic
device under test characterization and test automation. With NI-DAQmx software, you can easily synchronize acquisition or generation on multiple subsystems, such as an analog
input and analog output channel. In addition, you can easily synchronize two or more X Series devices for further expansion by using a RTSI cable for PCI Express boards or over
the PXI Express backplane for PXI Express modules. It is possible to synchronize two or more USB X Series devices by exporting sample or reference clocks from the master
device to the slave device, and using external wiring.
Compatible Accessories
PCI Express and PXI Express X Series devices use either a single- or dual-stack 68-pin VHDCI female connector, depending on the number of analog and digital channels on the
device. National Instruments offers several options for cables, from 0.5 m to 10 m and from low cost to high performance with shielding. Connector blocks are available with screw
terminal, BNC, or custom connector types.
For measurements requiring signal conditioning, you can use X Series with SCXI signal conditioning modules.
You can purchase DIN-rail or panel mount kits for USB X Series devices as well as replacement power supplies and latching USB cables. See the model page for ordering
information.
Upgrading
Because X Series DAQ devices use the same NI-DAQmx driver software as NI M Series DAQ devices, upgrading is easy. In addition, PCI Express and PXI Express X Series
devices use the same VHDCI connector as PCI and PXI M Series. You can reuse your code and preserve your investment in accessories. The pinouts for X Series devices are
backward-compatible with M Series devices.
Ordering Information
For a complete list of accessories, visit the product page on ni.com.
Products
Part Number
Recommended Accessories
Part Number
NI PCIe-6361
NI PCIe-6361
Requires: 1 Cables , 1 Connector Blocks ;
781050-01
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
NI PXIe-6361


Similar Part No. - NIPCIE-6361

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-6363 NI-NIPCIE-6363 Datasheet
1Mb / 20P
   NIPCIe-6363
More results

Similar Description - NIPCIE-6361

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com