Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI7841R Datasheet(PDF) 10 Page - National Instruments Corporation

Part # NI7841R
Description  NI R Series Multifunction RIO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI7841R Datasheet(HTML) 10 Page - National Instruments Corporation

Back Button NI7841R Datasheet HTML 6Page - National Instruments Corporation NI7841R Datasheet HTML 7Page - National Instruments Corporation NI7841R Datasheet HTML 8Page - National Instruments Corporation NI7841R Datasheet HTML 9Page - National Instruments Corporation NI7841R Datasheet HTML 10Page - National Instruments Corporation NI7841R Datasheet HTML 11Page - National Instruments Corporation NI7841R Datasheet HTML 12Page - National Instruments Corporation NI7841R Datasheet HTML 13Page - National Instruments Corporation NI7841R Datasheet HTML 14Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
www.ni.com
Device
Step Size
Accuracy
±16 LSB ±4 LSB ±2 LSB
±2.0 V
1.3 s
μ
1.6 s
μ
1.8 s
μ
±0.2 V
0.8 s
μ
1.1 s
μ
1.2 s
μ
Crosstalk
–80 dB, DC to 100 kHz
Analog Output (NI 783 R/784 R/785 R Only)
x
x
x
Output Characteristics
Output type
Single-ended, voltage output
Number of channels
NI 7830R
4
NI 7831R/7833R/7841R/7842R/7851R/7852R/7853R/7854R
8
Resolution
16 bits, 1 in 65,536
Update time
1.0 μs
Maximum update rate
1 MS/s
Type of DAC
Enhanced R-2R
Accuracy Information
Nominal Range (V)
Absolute Accuracy
Absolute Accuracy at Full Scale (±mV)
% of Reading
Offset ( V)
μ
Temp Drift (%/ °C)
Positive Full Scale
Negative Full Scale
24 Hours
1 Year
10.0
–10.0
0.0335
0.0351
2366
0.0005
5.88
Note Accuracies are valid for analog output following an internal calibration. Analog output accuracies are listed for operation temperatures within ±1 °C of internal
calibration temperature and ±10 °C of external or factory calibration temperature. Temp Drift applies only if ambient is greater than ±10 °C of previous external
calibration.
DC Transfer Characteristics
INL
±0.5 LSB typ, ±4.0 LSB max
DNL
±0.5 LSB typ, ±1 LSB max
Monotonicity
16 bits, guaranteed
Voltage Output
Range
±10 V
Output coupling
DC
Output impedance
NI 783xR
1.25 Ω
NI 784xR/785xR
0.5 Ω
Current drive
±2.5 mA
Protection
Short-circuit to ground
Power-on state
User configurable
Dynamic Characteristics
Settling time
Step Size
Accuracy
±16 LSB ±4 LSB ±2 LSB
±20.0 V
6.0 s
μ
6.2 s
μ
7.2 s
μ
±2.0 V
2.2 s
μ
2.9 s
μ
3.8 s
μ
±0.2 V
1.5 s
μ
2.6 s
μ
3.6 s
μ


Similar Part No. - NI7841R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI7841R NI-NI7841R Datasheet
194Kb / 8P
   R Series Intelligent DAQ-Data Acquisition and Control with Onboard Processing
More results

Similar Description - NI7841R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
NIPCIE-7852R NI-NIPCIE-7852R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
logo
Virginia Panel Corporat...
510109487 VPC-510109487 Datasheet
349Kb / 1P
   WDA W/PBC NI-6585 FLEX RIO
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com