Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-6238 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIPXI-6238
Description  Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6238 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIPXI-6238 Datasheet HTML 1Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 2Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 3Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 4Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 5Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 6Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 7Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 8Page - National Instruments Corporation NIPXI-6238 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
www.ni.com
Back to Top
Back to Top
NI PCI-6238
NI PCI-6238
Each NI PCI-6238 requires: 1 Cable, 1 Connector Block
779623-01
Cable: Shielded - SH37F-37M Cable (1m)
778621-01
Connector Block: Screw Terminals - CB-37F-HVD
779491-01
NI PXI-6238
NI PXI-6238
Each NI PXI-6238 requires: 1 Cable, 1 Connector Block
779624-01
Cable: Shielded - SH37F-37M Cable (1m)
778621-01
Connector Block: Screw Terminals - CB-37F-HVD
779491-01
NI PCI-6239
NI PCI-6239
Each NI PCI-6239 requires: 1 Cable, 1 Connector Block
779625-01
Cable: Shielded - SH37F-37M Cable (1m)
778621-01
Connector Block: Screw Terminals - CB-37F-HVD
779491-01
NI PXI-6239
NI PXI-6239
Each NI PXI-6239 requires: 1 Cable, 1 Connector Block
779626-01
Cable: Shielded - SH37F-37M Cable (1m)
778621-01
Connector Block: Screw Terminals - CB-37F-HVD
779491-01
Software Recommendations
LabVIEW Professional
Development System for
Windows
Advanced software tools for large project
development
Automatic code generation using DAQ
Assistant and Instrument I/O Assistant
Tight integration with a wide range of
hardware
Advanced measurement analysis and digital
signal processing
Open connectivity with DLLs, ActiveX, and
.NET objects
Capability to build DLLs, executables, and
MSI installers
SignalExpress for Windows
Quickly configure projects without
programming
Control over 400 PC-based and stand-alone
instruments
Log data from more than 250 data acquisition
devices
Perform basic signal processing, analysis,
and file I/O
Scale your application with automatic
LabVIEW code generation
Create custom reports or easily export data
to LabVIEW, DIAdem or Microsoft Excel
NI LabWindows™/CVI for
Windows
Real-time advanced 2D graphs and charts
Complete hardware compatibility with IVI,
VISA, DAQ, GPIB, and serial
Analysis tools for array manipulation, signal
processing statistics, and curve fitting
Simplified cross-platform communication with
network variables
Measurement Studio .NET tools (included in
LabWindows/CVI Full only)
The mark LabWindows is used under a
license from Microsoft Corporation.
NI Measurement Studio
Professional Edition
Customizable graphs and charts for WPF,
Windows Forms, and ASP.NET Web Forms
UI design
Analysis libraries for array operations, signal
generation, windowing, filters, signal
processing
Hardware integration support with native
.NET data acquisition and instrument control
libraries
Automatic code generation for all NI-DAQmx
data acquisition hardware
Intelligent and efficient data-logging libraries
for streaming measurement data to disk
Support for Microsoft Visual Studio .NET
2012/2010/2008
Support and Services
System Assurance Programs
NI system assurance programs are designed to make it even easier for you to own an NI system. These programs include configuration and deployment services for your NI PXI,
CompactRIO, or Compact FieldPoint system. The NI Basic System Assurance Program provides a simple integration test and ensures that your system is delivered completely
assembled in one box. When you configure your system with the NI Standard System Assurance Program, you can select from available NI system driver sets and application
development environments to create customized, reorderable software configurations. Your system arrives fully assembled and tested in one box with your software preinstalled.
When you order your system with the standard program, you also receive system-specific documentation including a bill of materials, an integration test report, a recommended
maintenance plan, and frequently asked question documents. Finally, the standard program reduces the total cost of owning an NI system by providing three years of warranty
coverage and calibration service. Use the online product advisors at ni.com/advisor to find a system assurance program to meet your needs.
Calibration


Similar Part No. - NIPXI-6238

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6232 NI-NIPXI-6232 Datasheet
604Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
More results

Similar Description - NIPXI-6238

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6232 NI-NIPXI-6232 Datasheet
604Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
PXI-6509 NI-PXI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
NI6521 NI-NI6521 Datasheet
245Kb / 5P
   Low-Cost Industrial Digital I/O - 150 V
logo
List of Unclassifed Man...
USB-1602HS ETC-USB-1602HS Datasheet
749Kb / 7P
   High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
logo
National Instruments Co...
777690-01 NI-777690-01 Datasheet
385Kb / 9P
   Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Schneider Electric
140DDM39000 SCHNEIDER-140DDM39000 Datasheet
122Kb / 5P
   discrete I/O module Modicon Quantum - 16 I - 24 V DC - 8 O solid state
Apr 12, 2022
logo
National Instruments Co...
NI6510 NI-NI6510 Datasheet
151Kb / 6P
   Low-Cost Industrial Digital I/O-30 V, Bank Isolated
logo
Schneider Electric
TWDLMDA40DTK SCHNEIDER-TWDLMDA40DTK Datasheet
156Kb / 7P
   extendable PLC base Twido 24 V - 24 I 24 V DC - 16 O solid state
Sep 17, 2021
SR3XT61B SCHNEIDER-SR3XT61B_V01 Datasheet
307Kb / 6P
   Discrete I/O extension module, Zelio Logic, 6 I/O, 24 V AC
Mar 23, 2022
SR3XT101B SCHNEIDER-SR3XT101B_V01 Datasheet
341Kb / 6P
   Discrete I/O extension module, Zelio Logic, 10 I/O, 24 V AC
Mar 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com